Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 26Page - NXP Semiconductors LPC2292 Datasheet HTML 27Page - NXP Semiconductors LPC2292 Datasheet HTML 28Page - NXP Semiconductors LPC2292 Datasheet HTML 29Page - NXP Semiconductors LPC2292 Datasheet HTML 30Page - NXP Semiconductors LPC2292 Datasheet HTML 31Page - NXP Semiconductors LPC2292 Datasheet HTML 32Page - NXP Semiconductors LPC2292 Datasheet HTML 33Page - NXP Semiconductors LPC2292 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
30 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25 ˚C), nominal supply voltages.
[2]
Pin capacitance is characterized but not tested.
[3]
Including voltage on outputs in 3-state mode.
[4]
V3 supply voltages must be present.
[5]
3-state outputs go into 3-state mode when V3 is grounded.
[6]
Accounts for 100 mV voltage drop in all supply lines.
[7]
Only allowed for a short time period.
[8]
Minimum condition for Vi = 4.5 V, maximum condition for Vi = 5.5 V.
[9]
LPC2294 only.
[1]
Conditions: VSSA =0V, V3A = 3.3 V.
[2]
The A/D is monotonic, there are no missing codes.
[3]
The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. See Figure 4.
[4]
The integral no-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 4.
[5]
The offset error (OSe) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 4.
[6]
The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 4.
[7]
The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the
non-calibrated A/D and the ideal transfer curve. See Figure 4.
Vhys
Hysteresis voltage
VTOL is from 4.5 V to 5.5 V
-
0.5 VTOL
-V
VOL
Low level output voltage[6]
IOL = 3 mA
-
-
0.4
V
Ilkg
Input leakage to VSS
Vi =V3
-2
4
µA
Vi =5V
-
10
22
µA
Oscillator pins
X1 input Voltages
0
-
V18
X2 output Voltages
0
-
V18
Table 10:
Static characteristics…continued
Tamb = −40 °C to +85 °C for commercial, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 11:
A/D converter DC electrical characteristics
V3A = 2.5 V to 3.6 V unless otherwise specified; Tamb = −40 °C to +85 °C unless otherwise specified; A/D converter frequency
4.5 MHz.
Symbol
Parameter
Min
Max
Unit
AVIN
Analog input voltage
0
V3A
V
CIN
Analog input capacitance
-
1
pF
DLe
Differential non-linearity[1][2][3]
-
±1
LSB
ILe
Integral non-linearity[1][4]
-
±2
LSB
OSe
Offset error[1][5]
-
±3
LSB
Ge
Gain error[1][6]
-
±0.5
%
Ae
Absolute error[1][7]
-
±4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com