Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 24 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 20Page - Microchip Technology SST12LP15B Datasheet HTML 21Page - Microchip Technology SST12LP15B Datasheet HTML 22Page - Microchip Technology SST12LP15B Datasheet HTML 23Page - Microchip Technology SST12LP15B Datasheet HTML 24Page - Microchip Technology SST12LP15B Datasheet HTML 25Page - Microchip Technology SST12LP15B Datasheet HTML 26Page - Microchip Technology SST12LP15B Datasheet HTML 27Page - Microchip Technology SST12LP15B Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
24
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
2mm x 2mm, 12-contact XQFN High-Linearity Configuration (continued)
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, 54 Mbps 802.11g OFDM Sig-
nal unless otherwise noted
Figure 24:Detector Characteristics versus Output Power
Figure 25:Typical Schematic for High-Linearity, 802.11b/g/n/256 QAM Applications for 12-
contact XQFN
1424 F20.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Output Power (dBm)
Detector Voltage versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
RFout
100pF
100pF
3.0pF
RFin
VREG1
VREG2
10 µF
0.1 µF
Vcc
µF
0.1
91
Ω
51
Ω
VDet
1424 Schematic.5.1
Suggested operation conditions:
1 VCC = 3.3V
2. VREG1=VREG2=2.85V
100
Ω
µF
0.1
SST12LP15B
2x2 12L XQFN
Top View
12
11
10
7
9
8
2
1
3
45
6
µF
0.1
5mm
50
Ω/ 2.7 mm
68
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com