Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 25 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 20Page - Microchip Technology SST12LP15B Datasheet HTML 21Page - Microchip Technology SST12LP15B Datasheet HTML 22Page - Microchip Technology SST12LP15B Datasheet HTML 23Page - Microchip Technology SST12LP15B Datasheet HTML 24Page - Microchip Technology SST12LP15B Datasheet HTML 25Page - Microchip Technology SST12LP15B Datasheet HTML 26Page - Microchip Technology SST12LP15B Datasheet HTML 27Page - Microchip Technology SST12LP15B Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
25
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Product Ordering Information
Valid combinations for SST12LP15B
SST12LP15B-QVCE
SST12LP15B-QXBE
SST12LP15B Evaluation Kits
SST12LP15B-QVCE-K
SST12LP15B-QXBE-K
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST
sales representative to confirm availability of valid combinations and to determine availability of new combi-
nations.
SST
12
LP
15B
-
QVCE
XX
XX
XXX
-
XXXX
Environmental Attribute
E1 = non-Pb contact (lead) finish
Package Modifier
C = 16 contact
B = 12 contact
Package Type
QV = VQFN (3mm x 3mm)
QX = XQFN (2mm x 2mm)
Product Family Identifier
Product Type
P = Power Amplifier
Voltage
L = 3.0-3.6V
Frequency of Operation
2 = 2.4 GHz
Product Line
1 = RF Products
1. Environmental suffix “E” denotes non-Pb sol-
der. SST non-Pb solder devices are “RoHS
Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com