Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 7Page - Microchip Technology SST12LP15B Datasheet HTML 8Page - Microchip Technology SST12LP15B Datasheet HTML 9Page - Microchip Technology SST12LP15B Datasheet HTML 10Page - Microchip Technology SST12LP15B Datasheet HTML 11Page - Microchip Technology SST12LP15B Datasheet HTML 12Page - Microchip Technology SST12LP15B Datasheet HTML 13Page - Microchip Technology SST12LP15B Datasheet HTML 14Page - Microchip Technology SST12LP15B Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
11
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
3mm x 3mm, 16-contact VQFN High-Linearity Configuration (continued)
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, MCS7-HT40 802.11n Signal,
unless otherwise noted
Figure 8: Gain versus Output Power
Figure 9: Total Current Consumption
1424 F12.1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Output Power (dBm)
Power Gain versus Output Power
2412 MHz
2442 MHz
2472 MHz
1424 F13.1
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Instantaneous Current versus Output Power
2412 MHz
2442 MHz
2472 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com