Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 19 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 19 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 15Page - Microchip Technology SST12LP15B Datasheet HTML 16Page - Microchip Technology SST12LP15B Datasheet HTML 17Page - Microchip Technology SST12LP15B Datasheet HTML 18Page - Microchip Technology SST12LP15B Datasheet HTML 19Page - Microchip Technology SST12LP15B Datasheet HTML 20Page - Microchip Technology SST12LP15B Datasheet HTML 21Page - Microchip Technology SST12LP15B Datasheet HTML 22Page - Microchip Technology SST12LP15B Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
19
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
3mm x 3mm, 16-contact VQFN High-Efficiency Configuration (continued)
Figure 19:Typical Schematic for 4.5V, High-Efficiency 802.11b/g/n Applications for 16-con-
tact VQFN
2
5
6
7
8
9
11
16
15
1
50
/ 0.8
50
RFout
100pF
100pF
2.7pF
50
/6
50
RFin
VREG 1
VREG 2
14
13
10
μF
0.1
μF
Vcc
4
12
10
μF
0.1
R2=56
R1=249
3
0.1
μF
Det
1424 Schematic.6.0
Suggested operation conditions:
1 VCC = 4.5V
2. VREG1=VREG2=2.85V
* Could be removed if -7 dB
return loss is acceptable
**Position close to the PA
R3=100
1.8nH
*
μF**
0.1
SST12LP15B
3x3 16L VQFN
Top View
R4=7.5K
12 nH
μF**
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com