Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 2 Page - Microchip Technology

  SST12LP15B Datasheet HTML 1Page - Microchip Technology SST12LP15B Datasheet HTML 2Page - Microchip Technology SST12LP15B Datasheet HTML 3Page - Microchip Technology SST12LP15B Datasheet HTML 4Page - Microchip Technology SST12LP15B Datasheet HTML 5Page - Microchip Technology SST12LP15B Datasheet HTML 6Page - Microchip Technology SST12LP15B Datasheet HTML 7Page - Microchip Technology SST12LP15B Datasheet HTML 8Page - Microchip Technology SST12LP15B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
2
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Product Description
SST12LP15B is a versatile power amplifier based on the highly-reliable InGaP/GaAs HBT technology.
This power amplifier can be easily configured for both high-efficiency with low EVM for high data rate
applications and for high power-added efficiency (PAE) while operating over the 2.4- 2.5 GHz fre-
quency band. There are two application circuits provided to show this versatility.
Configured for high power-added efficiency, SST12LP15B provides more than 32 dB gain and typically
meets 3% EVM up to 23 dBm output power for 54 Mbps 802.11g operation. This power amplifier also
meets spectral mask compliance output power up to 25 dBm for 802.11g and up to 25.5 dBm for
802.11b operation. At 4.5V operation, the SST12LP15B-VQFN provides up to 24 dBm at 3% EVM.
Configured for high linearity, SST12LP15B provides more than 34 dB gain. It typically meets 2.5%
EVM up to 20 dBm using MCS7-HT40 modulation and meets 1.8% EVM up to 18 dBm using MCS9-
VHT40 modulation.
This device also features easy board-level usage along with high-speed power-up/down control
through the reference voltage pins. Ultra-low reference current (total IREF ~2 mA) makes the
SST12LP15B controllable by an on/off switching signal directly from the baseband chip. These fea-
tures coupled with low operating current make SST12LP15B ideal for the final stage power amplifica-
tion in battery-powered 802.11b/g/n/256 QAM WLAN transmitter applications.
The power amplifier has an excellent, wide dynamic range (>20 dB), dB-wise linear on-chip power
detector. The excellent on-chip power detector provides a reliable solution to board-level power control.
The SST12LP15B is offered in both 16-contact VQFN (3mm x 3mm) and 12-contact XQFN (2mm x
2mm) packages. See Figures 3 and 4 for pin assignments and Tables 1 and 2 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com