Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 16 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 12Page - Microchip Technology SST12LP15B Datasheet HTML 13Page - Microchip Technology SST12LP15B Datasheet HTML 14Page - Microchip Technology SST12LP15B Datasheet HTML 15Page - Microchip Technology SST12LP15B Datasheet HTML 16Page - Microchip Technology SST12LP15B Datasheet HTML 17Page - Microchip Technology SST12LP15B Datasheet HTML 18Page - Microchip Technology SST12LP15B Datasheet HTML 19Page - Microchip Technology SST12LP15B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
16
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
3mm x 3mm, 16-contact VQFN High-Efficiency Configuration (continued)
Test Conditions: VCC = 3.3V, VREG = 2.85V, TA = 25°C, 54 Mbps 802.11g OFDM Signal
Figure 14:EVM versus Output Power measured with equalizer training set to sequence
only
Figure 15:Gain versus Output Power
1424 F6.0
EVM versus Output Power
0
1
2
3
4
5
6
7
8
9
10
01
23
45
67
8
9 10 1112 131415 1617 18 19 20 21 22 23 24 25 26 27 28
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1424 F7.0
Gain versus Output Power
20
22
24
26
28
30
32
34
36
38
40
01
23
45
67
8
910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com