Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 26 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 20Page - Microchip Technology SST12LP15B Datasheet HTML 21Page - Microchip Technology SST12LP15B Datasheet HTML 22Page - Microchip Technology SST12LP15B Datasheet HTML 23Page - Microchip Technology SST12LP15B Datasheet HTML 24Page - Microchip Technology SST12LP15B Datasheet HTML 25Page - Microchip Technology SST12LP15B Datasheet HTML 26Page - Microchip Technology SST12LP15B Datasheet HTML 27Page - Microchip Technology SST12LP15B Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
26
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Packaging Diagrams
Figure 26:16-contact Very-thin Quad Flat No-lead (VQFN)
Package Code: QVC
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-14015A Sheet 1 of 1
16-Lead Very Thin Quad Flatpack No-Leads (QVCE/F) - 3x3 mm Body [VQFN]
16-vqfn-3x3-QVC-2.0
Note:
1.
Complies with JEDEC JEP95 MO-220J, variant VEED-4 except external paddle nominal dimensions.
2.
From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3.
The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4.
Untoleranced dimensions are nominal target dimensions.
5.
All linear dimensions are in millimeters (max/min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com