Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 28 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 20Page - Microchip Technology SST12LP15B Datasheet HTML 21Page - Microchip Technology SST12LP15B Datasheet HTML 22Page - Microchip Technology SST12LP15B Datasheet HTML 23Page - Microchip Technology SST12LP15B Datasheet HTML 24Page - Microchip Technology SST12LP15B Datasheet HTML 25Page - Microchip Technology SST12LP15B Datasheet HTML 26Page - Microchip Technology SST12LP15B Datasheet HTML 27Page - Microchip Technology SST12LP15B Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
28
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
Table 7:Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Mar 2010
01
•
Added QVC package to the data sheet. This required changes through-
out the document and the addition of the following: Figures 1, 3, 13-18,
and 27; Tables 1, 5, and 8.
•
Changed document status from “Data Sheet” to “Preliminary Specifica-
tion”
Oct 2010
02
•
Added Figures 20 - 25 and Tables 4 and 7
Jan 2011
03
•
Updated document status from “Preliminary Specification” to “Data
Sheet”
Feb 2011
A
•
Applied new document format
•
Released document under letter revision system
•
Updated spec number S71424 to DS75029
•
Updated XQFN information in Figures 20- 25
•
Added package dimensions throughout.
Oct 2012
B
•
Added information for 4.5V.
Jul 2014
C
•
Modified Features and Applications on page 1
•
Updated “Electrical Specifications” on page 7
•
Revised Table 4 on page 8
•
Replaced Figures 6,8,9,10 and added Figure 7. Updated Figure 11.
•
Updated Test Conditions throughout.
Jul 2015
© 2015 Microchip Technology Inc.
SST, Silicon Storage Technology, the SST logo, SuperFlash, and MTP are registered trademarks of Microchip Technology, Inc.
MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Microchip Technology, Inc. All other trademarks and registered trade-
marks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
Microchip makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions
of Sale.
For sales office locations and information, please see www.microchip.com.
www.microchip.com
ISBN:978-1-63277-576-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com