Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15B Datasheet(PDF) 14 Page - Microchip Technology

Part # SST12LP15B
Description  2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST12LP15B Datasheet HTML 10Page - Microchip Technology SST12LP15B Datasheet HTML 11Page - Microchip Technology SST12LP15B Datasheet HTML 12Page - Microchip Technology SST12LP15B Datasheet HTML 13Page - Microchip Technology SST12LP15B Datasheet HTML 14Page - Microchip Technology SST12LP15B Datasheet HTML 15Page - Microchip Technology SST12LP15B Datasheet HTML 16Page - Microchip Technology SST12LP15B Datasheet HTML 17Page - Microchip Technology SST12LP15B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
©2014 Silicon Storage Technology, Inc.
DS70005029C
07/15
14
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
SST12LP15B
Data Sheet
3mm x 3mm, 16-contact VQFN High-Efficiency Configuration
Typical Performance Characteristics for High Linear Power, with Good PAE
Configuration, for 16-contact VQFN package (Schematic in Figure 18)
Table 5: DC and RF Characteristics for High Linear Power, with Good PAE Performance at
25°C, for 16-contact VQFN (Schematic in Figure 18)
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 5, 12, 14, and 16
3.0
3.3
4.5
V
ICQ
Idle current to meet EVM ~3.5% @ 23 dBm Output Power with 802.11g
OFDM 54 Mbps signal
80
mA
VREG1
Reference Voltage for pin 6, with 806
 resistor
2.75
2.85
2.95
V
VREG2
Reference Voltage for pin 7, with 806
 resistor
2.75
2.85
2.95
V
ICC
Current Consumption to meet 802.11g OFDM 6 Mbps Spectrum mask
@ 25 dBm Output Power
330
mA
Current Consumption to meet 802.11b DSSS 1 Mbps Spectrum mask
@ 24 dBm Output Power
310
mA
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain
35
36
dB
GVAR1
Gain variation over band (2412–2484 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
2f
Harmonics at 25 dBm, without external filters
-43
dBm/
MHz
3f
-25
4f
-30
5f
-30
EVM
Added EVM @ 23 dBm Output Power with 802.11g OFDM 54 Mbps signal
3.5
%
POUT
Output Power to meet 802.11g OFDM 6 Mbps spectrum mask
24
25
dBm
Output Power to meet 802.11b DSSS 1 Mbps spectrum mask
23
24
dBm
T5.1 75029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com