Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 5 Page - Analog Devices

  ADP3522 Datasheet HTML 1Page - Analog Devices ADP3522 Datasheet HTML 2Page - Analog Devices ADP3522 Datasheet HTML 3Page - Analog Devices ADP3522 Datasheet HTML 4Page - Analog Devices ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADP3522
–5–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BATTERY CHARGER
Charger Output Voltage
BATSNS
4.35 V
≤ CHRIN ≤ 10 V3
4.150
4.200
4.250
V
CHGEN = Low, No Load
CHRIN = 10 V
4.155
4.250
V
CHGEN = Low, No Load
0
°C < TA < 50°C
Load Regulation
BATSNS
CHRIN = 5 V
15
mV
0
≤ CHRIN – ISENSE
< Current Limit Threshold
CHGEN = Low
CHRDET On Threshold
CHRIN –
VBAT
30
90
150
mV
CHRDET Hysteresis
40
mV
CHRDET Off Delay
4
CHRIN < VBAT
6
ms/nF
CHRIN Supply Current
CHRIN = 5 V
0.6
mA
Current Limit Threshold
CHRIN –
ISENSE
High Current Limit
CHRIN = 5 V DC
142
160
190
mV
(UVLO Not Active)
VBAT = 3.6 V
CHGEN = Low
CHRIN = 5 V DC
149
160
180
mV
VBAT = 3.6 V
CHGEN = Low
0
°C < TA < 50°C
Low Current Limit
VBAT = 2 V
20
35
mV
(UVLO Active)
CHGEN = Low
CHRIN = 5 V – 10 V
ISENSE Bias Current
200
µA
EOC Signal Threshold
CHRIN –
ISENSE
CHRIN = 5 V DC
14
35
mV
VBAT > 4.0 V
CHGEN = Low
EOC Reset Threshold
VBAT
CHGEN = Low
3.82
3.96
4.10
V
GATEDR Transition Time
tR, tF
CHRIN = 5 V
0.1
1
µs
VBAT > 3.6 V
CHGEN = High, C
L = 2 nF
GATEDR High Voltage
VOH
CHRIN = 5 V
4.5
V
VBAT = 3.6 V
CHGEN = High
GATEIN = High
IOH = –1 mA
GATEDR Low Voltage
VOL
CHRIN = 5 V
0.5
V
VBAT = 3.6 V
CHGEN = High
GATEIN = Low
IOL = 1 mA
Output High Voltage
VOH
IOH = –250
µAV
MEM – 0.25
V
(EOC, CHRDET)
Output Low Voltage
VOL
IOL = 250
µA0.25
V
(EOC, CHRDET)
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2This feature is intended to protect against catastrophic failure of the device. Maximum allowed operating junction temperature is 125ºC. Operation beyond 125ºC
could cause permanent damage to the device.
3No isolation diode is present between the charger input and the battery.
4Delay set by external capacitor on the RESCAP pin.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com