Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 1 Page - Analog Devices

  ADP3522 Datasheet HTML 1Page - Analog Devices ADP3522 Datasheet HTML 2Page - Analog Devices ADP3522 Datasheet HTML 3Page - Analog Devices ADP3522 Datasheet HTML 4Page - Analog Devices ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADP3522
GSM Power Management System
FEATURES
Handles all GSM Baseband Power Management
6 LDOs Optimized for Specific GSM Subsystems
Li-Ion Battery Charge Function
Optimized for the AD20msp430 Baseband Chipset
Reduced Package Size: 5 mm
5 mm LFCSP-32
APPLICATIONS
GSM/GPRS Handsets
FUNCTIONAL BLOCK DIAGRAM
PWRONKEY
PWRONIN
TCXOEN
CHRDET
EOC
BATSNS
VRTCIN
ROWX
CHGEN
ISENSE
CHRIN
RESCAP
VBAT VBAT2
POWER-UP
SEQUENCING
AND
PROTECTION
LOGIC
SIMEN
SIMVSEL
DGND
VCORE
AGND
MVBAT
VTCXO
VAN
VMEM
VRTC
REFOUT
VSIM
GATEDR
GATEIN
RESET
ADP3522
SIM
LDO
DIGITAL
CORE LDO
ANALOG
LDO
TCXO
LDO
MEMORY
LDO
RTC
LDO
REF
BUFFER
BATTERY
VOLTAGE
DIVIDER
BATTERY
CHARGE
CONTROLLER
GENERAL DESCRIPTION
The ADP3522 is a multifunction power system chip optimized
for GSM/GPRS handsets, especially those based on the Analog
Devices AD20msp430 system solution with 1.8 V digital
baseband processors, such as the AD6525, AD6526, and
AD6528. It contains six LDOs, one to power each of the critical
GSM subblocks. Sophisticated controls are available for power-
up during battery charging, keypad interface, and RTC alarm.
The charge circuit maintains low current charging during the
initial charge phase and provides an end of charge (EOC) signal
when a Li-Ion battery is being charged. This product also meets
the market trend of reduced size with a new LFCSP package.
Its footprint is only 5 mm
5 mm and yet offers excellent ther-
mal performance due to the exposed die attached paddle.
The ADP3522 is specified over the temperature range of
–20
°C to +85°C.


Similar Part No. - ADP3522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3522 AD-ADP3522_15 Datasheet
472Kb / 20P
GSM Power Management System
REV. 0
More results

Similar Description - ADP3522

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
GSM Power Management System
REV.0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
GSM Power Management System
REV.0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
GSM Power-Management System
logo
Analog Devices
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
GSM Power Management System
REV. 0
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
GSM Power Management System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com