Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices ADP3522 Datasheet HTML 10Page - Analog Devices ADP3522 Datasheet HTML 11Page - Analog Devices ADP3522 Datasheet HTML 12Page - Analog Devices ADP3522 Datasheet HTML 13Page - Analog Devices ADP3522 Datasheet HTML 14Page - Analog Devices ADP3522 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
ADP3522
–11–
PWRONKEY
PWRONIN
ROWX
TCXOEN
RESCAP
SIMEN
CHRDET
EOC
BATSNS
CHGEN
ISENSE
CHRIN
GATEDR
GATEIN
MVBAT
Li-ION
BATTERY
CHARGE
CONTROLLER
AND
PROCESSOR
CHARGE
INTERFACE
RESET
GENERATOR
CHARGER
DETECT
OVERTEMP
SHUTDOWN
DEEP
DISCHARGED
UVLO
UVLO
VRTCIN
VBAT
VBAT2
VCORE
VTCXO
VAN
VSIM
RESET
VMEM
VRTC
REFOUT
DGND
AGND
SIMVSEL
SIM LDO
VBAT
VREF
EN
DGND
VSEL
OUT
VBAT
VREF
EN
DGND
DIGITAL CORE LDO
OUT
PG
VBAT
VREF
EN
OUT
AGND
ANALOG LDO
TCXO LDO
VBAT
VREF
EN
OUT
AGND
MEMORY LDO
VBAT
VREF
EN
OUT
DGND
RTC LDO
VBAT
VREF
EN
OUT
DGND
EN
REF
BUFFER
1.21V
AGND
110k
Q S
R
1M
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com