Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3522 Datasheet HTML 12Page - Analog Devices ADP3522 Datasheet HTML 13Page - Analog Devices ADP3522 Datasheet HTML 14Page - Analog Devices ADP3522 Datasheet HTML 15Page - Analog Devices ADP3522 Datasheet HTML 16Page - Analog Devices ADP3522 Datasheet HTML 17Page - Analog Devices ADP3522 Datasheet HTML 18Page - Analog Devices ADP3522 Datasheet HTML 19Page - Analog Devices ADP3522 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
ADP3522
–17–
1.75
20
40
1.25
2.00
60
80
0
1.50
0.75
0.25
1.00
0.50
0
100
120
TIME – Minutes
CHARGE CHARACTERISTIC
Figure 7. Kanebo PAS621 Charge Characteristic
1.75
20
40
1.25
2.00
60
80
0
1.50
0.75
0.25
1.00
0.50
0
100
120
TIME – Minutes
CHARGER CHARACTERISTIC
Figure 8. Panasonic EECEM0E204A Charge Characteristic
1.9
510
1.7
2.0
15
20
0
TIME – Hours
1.8
1.5
1.3
1.6
1.4
0.9
25
30
1.2
1.0
1.1
CHARGE CHARACTERISTIC
Figure 9. Maxell TC614 Charge Characteristic
1.9
510
1.7
2.0
15
20
0
TIME – Hours
1.8
1.5
1.3
1.6
1.4
0.9
25
30
1.2
1.0
1.1
35
40
CHARGER CHARACTERISTIC
Figure 10. Seiko TS621 Charge Characteristic
RTC Backup Coin Cell Selection
The choice of the backup cell is based upon size, cost, and
capacity. It must be able to support the RTC module’s current
requirement and voltage range, as well as handle the charge
current supplied by the ADP3522 (see TPC 2). Check with the
coin cell vendor if the ADP3522’s charge current profile is
acceptable.
Some suitable coin cells are the electric double layer capacitors
available from Kanebo (PAS621), Seiko (XC621), or Panasonic
(EECEM0E204A). They have a small physical size (6.8 mm
diameter) and a nominal capacity of 0.2 F to 0.3 F, giving hours
of backup time. Rechargeable lithium coin cells, such as the
TC614 from Maxell or the TS621 from Seiko, are also small in
size but have higher capacity than the double layer capacitors,
resulting in longer backup times. Typical charge curves for each
cell type are shown in Figures 7 through 10. Note that the
rechargeable lithium type coin cells generally come precharged
from the vendor.
RESET Capacitor Selection
RESET is held low at power up. An internal power-good signal
starts the reset delay when the core LDO is up. The delay is set
by an external capacitor on RESCAP:
t
ms
nF
C
RESET
RESCAP
=×
12
.
(4)
A 100 nF capacitor will produce a 120 ms reset delay. The
current capability of
RESET is minimal (a few hundred nA)
when VCORE is off to minimize power consumption. When
VCORE is on,
RESET is capable of driving 500
µA.
Setting the Charge Current
The ADP3522 is capable of charging both lithium ion and
NiMH batteries. For NiMH batteries, the charge current is
limited by the adapter. For lithium ion batteries, the charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com