Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3522 Datasheet HTML 2Page - Analog Devices ADP3522 Datasheet HTML 3Page - Analog Devices ADP3522 Datasheet HTML 4Page - Analog Devices ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices ADP3522 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
–6–
ADP3522
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3522 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Voltage on Any Pin with Respect to
Any GND Pin . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
Voltage on Any Pin May Not Exceed VBAT, with the Following
Exceptions: CHRIN, BASE, ISENSE
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Ambient Temperature Range . . . . . –20
∞C to +85∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
JA, Thermal Impedance (LFCSP 5 mm
5 mm)
4-Layer JEDEC PCB . . . . . . . . . . . . . . . . . . . . . . . . . . 32
∞C/W
2-Layer SEMI PCB . . . . . . . . . . . . . . . . . . . . . . . . . . 108
∞C/W
Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Absolute maximum
ratings apply individually only, not in combination. Unless otherwise specified all
other voltages are referenced to GND.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
TOP VIEW
ADP3522
8
24
23
22
21
20
19
18
17
PIN 1
INDICATOR
SIMEN
VRTCIN
VRTC
BATSNS
MVBAT
CHRDET
CHRIN
SIMVSEL
NC
VAN
VBAT
VCORE
VMEM
VBAT2
VSIM
NC
ORDERING GUIDE
Memory
LDO
Temperature
Package
Model
Output
Range
Option
ADP3522ACP-3
2.80 V
–20
∞C to +85∞C CP-32
ADP3522ACP-1.8
1.80 V
–20
∞C to +85∞C CP-32
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
SIMEN
SIM LDO Enable
2
VRTCIN
RTC LDO Input Voltage
3
VRTC
Real-Time Clock Supply/
Coin Cell Battery Charger
4
BATSNS
Battery Voltage Sense Input
5
MVBAT
Divided Battery Voltage Output
6
CHRDET
Charge Detect Output
7
CHRIN
Charger Input Voltage
8
SIMVSEL
Programs VSIM Output;
Low: 1.8 V
9
GATEDR
Charger Drive Output
10
GATEIN
Microprocessor Charger Gate
Control Input
11
DGND
Digital Ground
12
ISENSE
Charge Current Sense Input
13
EOC
End of Charge Output
14
CHGEN
Charge Enable Control Input
15
RESCAP
Reset Delay Time
16
RESET
Main Reset, Open Drain
17, 24, 32
NC
No Connection
18
VSIM
SIM LDO Output
19
VBAT2
Battery Input Voltage 2
20
VMEM
Memory LDO Output
21
VCORE
Digital Core LDO Output
22
VBAT
Battery Input Voltage
23
VAN
Analog LDO Output
25
VTCXO
TCXO LDO Output
26
REFOUT
Output Reference
27
AGND
Analog Ground
28
TCXOEN
TCXO LDO Enable and
MVBAT Enable
29
PWRONIN
Power On/Off Signal from
Microprocessor
30
PWRONKEY
Power On/Off Key
31
ROWX
Power Key Interface Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com