Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 3 Page - Analog Devices

  ADP3522 Datasheet HTML 1Page - Analog Devices ADP3522 Datasheet HTML 2Page - Analog Devices ADP3522 Datasheet HTML 3Page - Analog Devices ADP3522 Datasheet HTML 4Page - Analog Devices ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
ADP3522
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ROWX CHARACTERISTICS
ROWX Output Low Voltage
VOL
PWRONKEY = Low
IOL = 200
µA
0.4
V
ROWX Output High Leakage Current
IIH
PWRONKEY = High
V(ROWX) = 5 V
1
µA
SIM CARD LDO (VSIM)
Output Voltage
VSIM
Line, Load, Temperature
1.70
1.80
1.90
V
SIMVSEL = Low
Output Voltage
VSIM
Line, Load, Temperature
2.80
2.85
2.92
V
SIMVSEL = High
Line Regulation
VSIM
2
mV
Load Regulation
VSIM
50
µA ≤ I
LOAD
≤ 20 mA
2
mV
VBAT = 3.6 V
Output Capacitor Required for
CO
2.2
µF
Stability
Dropout Voltage
VDO
VO = VINITIAL – 100 mV,
ILOAD = 20 mA,
35
100
mV
VSIM = 2.85 V
DIGITAL CORE LDO (VCORE)
Output Voltage
VCORE
Line, Load, Temperature
1.75
1.80
1.85
V
Line Regulation
VCORE
2
mV
Load Regulation
VCORE
50
µA ≤ ILOAD ≤ 100 mA
8
mV
VBAT = 3.6 V
Output Capacitor Required for
CO
2.2
µF
Stability
RTC LDO
REAL-TIME CLOCK LDO/
COIN CELL CHARGER (VRTC)
Maximum Output Voltage
VRTC
1
µA ≤ I
LOAD
≤10 µA1.86
1.95
2.0
V
Maximum Output Current
VRTC = 0.5 V
4.0
mA
Off Reverse Input Current
IL
VRTC = 1.90 V,
VBAT = 1.70 V, TA = 25
°C
0.5
µA
Output Capacitor Required for
CO
0.1
µF
Stability
ANALOG LDO (VAN)
Output Voltage
VAN
Line, Load, Temperature
2.50
2.55
2.60
V
Line Regulation
VAN
2
mV
Load Regulation
VAN
50
µA ≤ I
LOAD
≤ 180 mA,
11
mV
VBAT = 3.6 V
Output Capacitor Required for
CO
2.2
µF
Stability
Ripple Rejection
VBAT/
f = 217 Hz (t = 4.6 ms)
65
dB
VAN
3
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
µV rms
ILOAD = 180 mA
VBAT = 3.6 V
Dropout Voltage
VO = VINITIAL – 100 mV,
160
400
mV
ILOAD = 180 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com