Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices ADP3522 Datasheet HTML 10Page - Analog Devices ADP3522 Datasheet HTML 11Page - Analog Devices ADP3522 Datasheet HTML 12Page - Analog Devices ADP3522 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
ADP3522
–9–
TIME – 20 s/DIV
PWRONIN (2V/DIV)
VSIM = 1.8 (100mV/DIV)
TPC 19. Turn On Transient
by PWRONIN, Maximum
Load (Part 2)
FREQUENCY – Hz
80
70
0
60
50
10
40
30
20
4
100k
10
100
1k
10k
VTCXO
VAN
VCORE
REFOUT
MLCC OUTPUT CAPS
VBAT = 3.2V, FULL LOADS
TPC 22. Ripple Rejection vs.
Frequency
TEMPERATURE – C
4.25
4.24
4.23
4.22
4.21
4.20
4.19
4.18
4.17
4.16
4.15
40
–20
0
20
60
80
100 120
–40
TPC 25. Charger VOUT vs.
Temperature, VIN = 5.0 V,
ILOAD = 10 mA
TIME – 100 s/DIV
PWRONIN (2V/DIV)
REFOUT (100mV/DIV)
VMEM = 2.8(100mV/DIV)
VTCXO (100mV/DIV)
TPC 20. Turn On Transient
by PWRONIN, Maximum
Load (Part 3)
VBAT – V
80
70
60
50
40
30
20
10
0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
REFOUT
VAN
VMEM
VTCXO
VSIM = 2.8V
FREQ = 217Hz,
MAX LOADS
VSIM
TPC 23. Ripple Rejection vs.
Battery Voltage
4.24
4.23
4.22
4.21
4.20
0
200
400
600
800
ILOAD – mA
VIN = 5.0V
RSENSE = 250m
TPC 26. Charger VOUT vs.
ILOAD (VIN = 5.0 V)
TIME – 20 s/DIV
PWRONIN (2V/DIV)
VMEM = 1.8 (100mV/DIV)
TPC 21. Turn On Transient
by PWRONIN, Maximum
Load (Part 4)
FREQUENCY – Hz
600
500
200
100
0
400
300
10
100k
100
1k
10k
FULL LOAD
MLCC CAPS
VAN
REF
TCXO
TPC 24. Output Noise Density
INPUT VOLTAGE – V
4.24
4.23
4.22
4.21
4.20
56789
10
ILOAD = 10mA
RSENSE = 250m
ILOAD = 500mA
TPC 27. Charger VOUT vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com