Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3522 Datasheet HTML 10Page - Analog Devices ADP3522 Datasheet HTML 11Page - Analog Devices ADP3522 Datasheet HTML 12Page - Analog Devices ADP3522 Datasheet HTML 13Page - Analog Devices ADP3522 Datasheet HTML 14Page - Analog Devices ADP3522 Datasheet HTML 15Page - Analog Devices ADP3522 Datasheet HTML 16Page - Analog Devices ADP3522 Datasheet HTML 17Page - Analog Devices ADP3522 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
–14–
ADP3522
NO
NO
NO
YES
VBAT > UVLO
NiMH
CHGEN = LOW
NO
VBAT > 4.2V
YES
BATTERY TYPE
CONSTANT VOLTAGE
MODE
YES
YES
EOC = HIGH
NO
CHGEN = HIGH
VBAT > 5.5V
NO
YES
VBAT > 5.5V
YES
NO
YES
YES
NONCHARGING
MODE
CHARGER DETECTED
CHRIN > BATSNS
LOW CURRENT
CHARGE MODE
VSENSE = 20mV
HIGH CURRENT
CHARGE MODE
VSENSE = 160mV
END OF CHARGE
VSENSE < 14mV
TERMINATE CHARGE
CHGEN = HIGH
GATEIN = HIGH
NiMH
CHARGING MODE
GATEIN = PULSED
NiMH
CHARGER OFF
GATEIN = HIGH
NO
Li+
YES
Figure 5. Battery Charger Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com