Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3522 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3522
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522 Datasheet(HTML) 2 Page - Analog Devices

  ADP3522 Datasheet HTML 1Page - Analog Devices ADP3522 Datasheet HTML 2Page - Analog Devices ADP3522 Datasheet HTML 3Page - Analog Devices ADP3522 Datasheet HTML 4Page - Analog Devices ADP3522 Datasheet HTML 5Page - Analog Devices ADP3522 Datasheet HTML 6Page - Analog Devices ADP3522 Datasheet HTML 7Page - Analog Devices ADP3522 Datasheet HTML 8Page - Analog Devices ADP3522 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADP3522–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SHUTDOWN SUPPLY CURRENT
ICC
VBAT
≤ 2.5 V
VBAT = VBAT2 = 2.3 V
15
40
µA
(Deep Discharged Lockout Active)
2.5 V < VBAT
≤ 3.2 V
VBAT = VBAT2 = 3.0 V
30
55
µA
(UVLO Active)
VBAT > 3.2 V
VBAT = VBAT2 = 4.0 V
45
80
µA
OPERATING GROUND CURRENT
IGND
VBAT = 3.6 V
VSIM, VCORE, VMEM, VRTC On
Minimum Loads
225
300
µA
All LDOs On
Minimum Loads
345
450
µA
All LDOs On
Maximum Loads
1.0
3.0
% of Max
Load
UVLO ON THRESHOLD
VUVLO
Rising Edge
3.2
3.3
V
UVLO HYSTERESIS
200
mV
DEEP DISCHARGED LOCKOUT ON
VDDLO
Falling Edge
2.4
2.75
V
THRESHOLD
DEEP DISCHARGED LOCKOUT
100
mV
HYSTERESIS
INPUT HIGH VOLTAGE
VIH
PWRONIN
1.0
V
TCXOEN, SIMEN,
1.5
V
CHGEN, GATEIN, SIMVSEL
INPUT LOW VOLTAGE
VIL
0.3
V
(PWRONIN, TCXOEN, SIMEN,
CHGEN, SIMVSEL)
PWRONIN Pin Pull-Down Resistor
RPD
200
1000
5000
k
INPUT HIGH BIAS CURRENT
IIH
1.0
µA
(TCXOEN, SIMEN,
CHGEN,
SIMVSEL )
INPUT LOW BIAS CURRENT
IIL
–1.0
µA
(PWRONIN, TCXOEN, SIMEN,
CHGEN, SIMVSEL)
PWRONKEY INPUT HIGH VOLTAGE
VIH
0.7
VBAT
V
PWRONKEY INPUT LOW VOLTAGE
VIL
0.3
VBAT
V
PWRONKEY INPUT PULL-UP
70
100
130
k
RESISTANCE TO VBAT
THERMAL SHUTDOWN
160
ºC
THRESHOLD
2
THERMAL SHUTDOWN
45
ºC
HYSTERESIS
(–20 C < TA < +85 C, VBAT = VBAT2 = 3 V–5.5 V, CVSIM = CVCORE = CVAN =
CVMEM = 2.2
F, VTCXO = 0.22
F, CVRTC = 0.1
F, CVBAT = 10
F, minimum
loads applied on all outputs, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com