Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 73 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 73 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 214 page
background image
FEDL7204-003-02
ML7204-003
73/214
Control Registers
Tables 5 shows the maps of control registers. CR6-CR9 are used for DSP internal data memory access. The
changeable operation mode is indicated below each register name.
Table 5 Control Register Map (1 of 4)
Address
Contents
Reg
Name
A7-A0
B7
B6
B5
B4
B3
B2
B1
B0
R/W
SPDN
AFEB
_EN
AFEA
_EN
#
#
#
SYNC
_SEL
OPE
_STAT
CR0
00h
/E
I/
I/
—
—
—
I/
I/
R/W
XDMWR
XDMRD
#
#
XDMWR
_2
#
#
#
CR1
01h
I/E
I/E
—
—
I/E
—
—
—
R/W
TGEN0
_RXAB
TGEN0
_RX
TGEN0
_CNT5
TGEN0
_CNT4
TGEN0
_CNT3
TGEN0
_CNT2
TGEN0
_CNT1
TGEN0
_CNT0
CR2
02h
I/E
I/E
I/E
I/E
I/E
I/E
I/E
I/E
R/W
TGEN1
_RXAB
TGEN1
_TX
TGEN1
_CNT5
TGEN1
_CNT4
TGEN1
_CNT3
TGEN1
_CNT2
TGEN1
_CNT1
TGEN1
_CNT0
CR3
03h
I/E
I/E
I/E
I/E
I/E
I/E
I/E
I/E
R/W
#
#
#
#
#
#
#
#
CR4
04h
—
—
—
—
—
—
—
—
/
READY
#
#
#
#
#
RXFLAG
_CH2
RXFLAG
_CH1
CR5
05h
—
—
—
—
—
—
I/E
I/E
R/W
Internal data memory access (high-order address/high-order data)
A15/D15
A14/D14
A13/D13
A12/D12
A11/D11
A10/D10
A9/D9
A8/D8
CR6
06h
I/E
/W
Internal data memory access (low-order access/low-order data)
A7/D7
A6/D6
A5/D5
A4/D4
A3/D3
A2/D2
A1/D1
A0/D0
CR7
07h
I/E
/W
Internal data memory access (high-order data)
D15
D14
D13
D12
D11
D10
D9
D8
CR8
08h
I/E
R/W
Internal data memory access (low-order data)
D7
D6
D5
D4
D3
D2
D1
D0
CR9
09h
I/E
R/W
#
#
#
#
#
VFRO1
_SEL
VFRO0
_SEL
#
CR10
0Ah
—
—
—
—
—
I/E
I/E
—
R/W
PCM
_SEL1
PCM
_SEL0
#
PCMI3
_EN
PCMO2
_EN
PCMI2
_EN
PCMI1
_EN
PCMO1
_EN
CR11
0Bh
I/
I/
—
/E
/E
/E
/E
/E
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com