Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 53 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 53 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 214 page
background image
FEDL7204-003-02
ML7204-003
53/214
When receive data of the same channel is written in one frame or the receive data channel notification is
invalid, an interrupt is generated by setting a receive side invalid write error flag (RXBW_ERR) to “1”.
RXBW_ERR is retained from the next valid write period until immediately before the termination of the frame
for which invalid receive data has no longer been written.
 Terminating 2-channel operation
When returning a 2-channel operation mode to a single-channel operation mode, it is possible to notify which
channel’s transmit/receive data is continuously encoded or decoded by setting an option in ACTCH_FLAG.
To continue encoding/decoding of transmit/receive data of channel 1, set ACTCH_FLAG to “0” and then set
SC_EN = 1 and DC_EN = 0. Encoding/decoding of channel 2 transmit/receive data stops within a maximum of
250
s; however, encoding/decoding of channel 1 transmit/receive data continues.
To continue encoding/decoding of channel 2 transmit/receive data, set ACTCH_FLAG to “1” and then set
SC_EN = 1 and DC_EN = 0. Encoding/decoding of channel 1 transmit/receive data stops within a maximum
of 250
s; however, encoding/decoding of channel 2 transmit/receive data continues. Figure 32 shows an
example where exchange of channel 1 transmit/receive data is continued.
(Note)
1. In the frame where SC_EN = 1 and DC_EN = 0 are set, CH1/CH2 transmit data read requests and receive data
write requests are issued normally. However, even if transmit data or receive data of the channel that was
terminated is not read or written, an error does not occur.
2. After RXREQ_DC is cleared to “0”, write processing to RXFLAG_[CH2:CH1] is not necessary.
3. To set DC_EN = 1 again after setting DC_EN = 0, a wait period of approx. 10 ms or more is required after
TXREQ_DC = 0 and RXREQ_DC = 0 are set.
 Performing single-channel operation
 Transmit
Operates according to the contents described in  Operation and  Error processing in Figure 16.
Note that FR0_CH1 is set to “1” when a transmit data read request is issued in this operation state or the CH1
transmit error flag (TXERR_CH1) is set to “1” at the occurrence of an error also in this operation state, even if
continuation of encoding/decoding of channel 2 transmit/receive data is set in  Terminating 2-channel
operation.
 Receive
Operates according to the contents described in  Operation and  Error processing in Figure 20. The G.711
PLC function enable control register (G711_PLCEN) is set to “0”.
Note that the CH1 receive error flag (RXERR_CH1) is set to “1” at the occurrence of an error in this operation
state even if continuation of encoding/decoding of the channel 2 transmit/receive data is set in  Terminating
2-channel operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com