Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 55 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 55 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 214 page
background image
FEDL7204-003-02
ML7204-003
55/214
Description of operation (Figure 33)
 Performing single-channel operation
 Transmit
Operates according to the contents described in Operation and Error processing in Figure 17.
 Receive
Operates according to the contents described in Operation and Error processing in Figure 21. The
G.711PLC function enable control register (G711_PLCEN) must be set to “0” at activation of Speech CODEC.
 Activating 2-channel operation
To change the mode from a single-channel operation mode to a 2-channel operation mode, set DC_EN = 1 (&
SC_EN = 1).
Encoder: Starts encoding signals from CH1 and CH2 after processing of up to one frame following the setting of
DC_EN = 1.
Decoder: Starts two receive data write requests in one frame after processing of up to one frame following the
setting of DC_EN = 1.
(Note)
When G.729.A is selected as the Speech CODEC coding format, the setting of SC_EN = DC_EN = 1 is
inhibited.
When the G.711 PLC function is enabled, the setting of SC_EN = DC_EN = 1 is inhibited.
 Performing 2-channel operation
 Transmit
 2-channel transmit request notification register (TXREQ_DC)
The 2-channel transmit request notification register (TXREQ_DC) is set to “1” while two transmit data read
requests are issued in one frame.
 Channel data read sequence
Two transmit data read requests are issued in one frame in the order of CH1
 CH2.
However, when read operation from the MCU side does not terminate for the CH1 transmit data read request, a
read request for CH2 transmit data is not issued.
 Read sequence
After encoding processing for CH1 and CH2 of one frame terminates, an interrupt is generated by setting
FR0_CH1 and a CH1 transmit data read request is issued. Read CH1 transmit data (160 bytes) according to
the read request.
When CH1 transmit data read processing terminates, an interrupt is generated by setting FR0_CH2 = 1 and a
CH2 transmit data read request is issued.
Read CH2 transmit data (160 bytes) according to the read request.
In this operation state, the following signals are input to the encoder from CH1 and CH2.
Encoder input signal (CH1) = (Transmit data AIN_x input to Speech CODEC) + (CH2 receive data
Rx_CH2)
Encoder input signal (CH2) = (Transmit data AIN_x input to Speech CODEC) + (CH1 receive data
Rx_CH1)
 Valid read period RE_DCn(CH1 & CH2)
Terminate transmit data read processing from CH1 and CH2 within 18.0 ms after a CH1 transmit data read
request (FR0_CH1 = 1) is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com