Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 39 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 39 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 214 page
background image
FEDL7204-003-02
ML7204-003
39/214
A. Speech CODEC coding format switching control on the transmit side
A-1. G.729.A
 G.711 (-law and A-law) switching control (10 ms frame mode)
Figure 22 Speech CODEC Format Switching Control Method on the Transmit
Side G.729.A
G.711 <10 ms frame mode>
 G.729.A operation (before switching)
Operates according to the contents described in  Operation and  Error processing in Figure 14 G.729.A
transmit buffer control method at single-channel operation (10 ms/frame mode).
 Switching processing
Switch the Speech CODEC coding format from G729.A to G.711 within the valid MCU read period according
to the setting in the Speech CODEC selection register on the transmit side (TX_SCSEL[1:0]). When the
switching of the Speech CODEC coding format is detected, the LSI internal section discards the data currently
being encoded (T6 encoding data in the example shown above) and starts encoding in the G.711 coding format
from the next frame.
A read request is issued normally by FR0B also for the frame where coding format has been switched;
however, a transmit error (TXERR_CH1 = “1”) does not occur even if data read processing does not terminate
within the valid read period. If a transmit error occurred before this frame, this transmit error is cleared to
“0” at termination of this frame.
(Note)
If the coding format is switched outside of the valid MCU read period, the G.729.A
 G.711 switching
processing may be delayed by one frame. Therefore, check whether the transmit request is for the data
encoded in the G.729.A or encoded in the G.711 by referencing the transmit Speech CODEC operation mode
notification flag (TX_SCFLAG) when requesting transmission due to the fall of FR0B.
 G.711 operation (after switching)
Operates according to the contents that are described in  Operation and  Error processing in Figure 16
G.711 (
-law and A-law) transmit buffer control method (10 ms/frame mode) at single-channel operation.
FR0B
(Pin output)
MCU read
Valid read section
RE_SC5
RE_SC4
RE_SC3
Speech
CODEC
ENC
10 ms
T5(G.729.A)
T6(G.729.A)
T4(G.729.A)
T3
G.729.A operation (before switching)
Switching processing
G.711 operation (after switching)
FR0_CH1
INTB
(Pin output)
FR0B
(Pin output)
MCU read
Valid read section
Speech
CODEC
ENC
10 ms
T7(G.711)
T8(G.711)
T9(G.711)
RE_SC7
T10(G.711)
RE_SC8
RE_SC9
FR0_CH1
INTB
(Pin output)
G.729.A
G.711
Transmit SC coding
format setting
TX_SCSEL[1:0]
G.729.A
G.711
Transmit SC operation
mode notification
TX_SCFLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com