Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 41 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 41 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 214 page
background image
FEDL7204-003-02
ML7204-003
41/214
A-3. G.711 (
-law, A-law)  G.729.A switching control (10 ms frame mode)
Figure 24 Speech CODEC Coding Format Switching Control Method on the
Transmit Side G.711
G.729.A <10 ms frame mode>
 G.711 operation (before switching)
Operates according to the contents described in  Operation and  Error processing in Figure 16 G.711
(
-law and A-law) transmit buffer control method at single-channel operation (10 ms/frame mode).
 Switching processing
Switch the Speech CODEC coding format from G711 to G.729.A within the valid MCU read period according
to the setting in the Speech CODEC selection register on the transmit side (TX_SCSEL[1:0]). When the
switching of the Speech CODEC coding format is detected, the LSI internal section discards the data currently
being encoded (T6 encoding data in the example shown above) and starts encoding in the G.729.A coding
format from the next frame.
A read request is issued normally by FR0B also for the frame where coding format has been switched;
however, a transmit error (TXERR_CH1 = “1”) does not occur even if data read processing does not terminate
within the valid read period. If a transmit error occurred before this frame, that transmit error is cleared to
“0” at termination of this frame.
(Note)
If the coding format is switched outside of the valid MCU read period, the G.729.A
 G.711 switching
processing may be delayed by one frame. Therefore, check if the transmit request is for the data encoded in
the G.729.A or encoded in the G.711 coding format by referencing the transmit Speech CODEC operation
mode notification flag (TX_SCFLAG) when requesting transmission due to the fall of FR0B.
 G.729.A operation (after switching)
Operates according to the contents that are described in Operation and Error processing in Figure 14
G.729.A transmit buffer control method at single-channel operation (10 ms frame mode).
FR0B
(Pin output)
MCU read
Valid read section
RE4
RE5
Speech
CODEC
ENC
10 ms
T5(G.711)
T6(G.711)
T4
 G.711 operation (before switching)
 Switching processing
 G.729.A operation (after switching)
FR0_CH1
INTB
(Pin output)
Valid read section
Init
T7(G.729.A)
T8(G.729.A)
T9(G.729.A)
RE7
RE8
FR0B
(Pin output)
MCU read
Speech
CODEC
ENC
10 ms
FR0_CH1
INTB
(Pin output)
G.711
G.729.A
Transmit SC coding
format setting
TX_SCSEL[1:0]
G.711
G.729.A
Transmit SC operation
mode notification
TX_SCFLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com