Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 214 page
background image
FEDL7204-003-02
ML7204-003
13/214
Timings of PDNB, XO, and AVREF
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power-down signal pulse
width
tPDNB
PDNB pin
250
—
—
s
AVDD supply delay time
tAVDDON
—
0
—
—
ns
Oscillation activation time
txtal
—
—
—
20
ms
AVREF = 1.4 (90%)
C5 = 4.7
F, C6 = 0.1 F
(See Figure 9)
—
—
600
ms
AVREF rise time
tAVREF
AVREF = 1.4 (90%)
C5 = 2.2
F, C6 = 0.1 F
(See Figure 9)
—
—
300
ms
Figure 1 Timings of PDNB, XO, and AVREF
(Note)
The capacitance of the AVREF capacitor (C5) affects the AVREF rise time and analog characteristics. If
weight is given to the analog characteristics, specify 4.7
F, and if it is given to the AVREF rise time, specify
2.2
F. The electrical characteristics for the analog characteristics that are described above are guaranteed in
both capacitances.
PDNB
0 V
DVDD
tPDNB
DVDD
AVDD
0 V
DVDD
AVDD
VREGOUT
0 V
Approx.
2.5V
tAVDDON
AVREF
Approx.
1.4 V
XO
0 V
AVDD
txtal
0 V
tAVREF
90%
DVDD AVDD
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com