Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 214 page
background image
FEDL7204-003-02
ML7204-003
21/214
PDNB
This is a power-down control input pin. A power-down state can be set by setting this pin to “0”. This pin
also functions as an LSI reset pin. To prevent an LSI operation error, use PDNB for the initial power-down
reset after power is applied. To put the LSI into a power-down state, fix PDNB to “0” for 250
s or more.
LSI power-down reset can be performed by setting the software power down reset control register SPDN to “0”
 “1”  “0”.
After 200ms from power-down release, the initial mode display register (READY) is set to “1” and various
function setting modes (initial modes) are entered.
See Figure 1 for the timings of PDNB, AVREF, XO, and the initial mode.
(Note)
Turn on the power in a power-down state by PDNB.
When using the LSI by inputting a master clock to the XI pin, first maintain the power-down state (PDNB = 0)
until power is applied to the digital power supply (DVDD0, 1, and 2) and the analog power supply (AVDD)
(90% or more) and the master clock is input to the XI pin, then release the power-down state (PDNB = 0
 1) .
In this case also, fix PDNB to “0” for 250
s or more.
DVDD0, DVDD1, DVDD2, and AVDD
These are power supply pins. DVDD0, DVDD1, and DVDD2 are connected to the power supply of a digital
circuit and AVDD is connected to a power supply of an analog circuit. Connect these pins near the LSI and
insert bypass capacitors of 10
F (electrolysis type) and 0.1 F (ceramic type) between DGND and AGND in
parallel.
DGND0, DGND1, DGND2, and AGND
These are ground pins. DGND0, DGND1, and DGND2 are connected to grounds of digital circuits and AGND
is connected to a ground of an analog circuit. Connect these pins near the LSI.
VREGOUT
This is an output pin of an internal regulator voltage (about 2.5 V).
Connect a capacitor of about 0.1
F (ceramic type) in parallel to about 10 F (ceramic or tantalum type) between
this pin and a ground pin.
VBG
This is a reference output pin for an internal regulator.
Connect a laminated ceramic capacitor of about 150 pF between this pin and a ground pin.
TST0 and TST1
These are input pins for testing. At normal use, input “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com