Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 214 page
background image
FEDL7204-003-02
ML7204-003
25/214
CLKSEL
This is an input-output control input pin of SYNC and BCLK. The pin controls input when it is set to “0” and
output when it is set to “1”.
(Note)
This LSI operates at either SYNC/BCLK that is generated inside the LSI or the clock generated based on
SYNC/BCLK to be input from the outside the LSI. For this reason, if the CLKSEL pin is set to “0”, it is
necessary to constantly input SYNC/BCLK from the time the power supply is truned on regardless of whether
PCM-IF is used or not.
SYNC
This is a 8 kHz synchronous signal I/O pin of PCM signals. When CLKSEL is “0”, constantly input an 8 kHz
clock synchronized with BCLK. When CLKSEL is “1”, this pin outputs an 8 kHz clock synchronized with
BCLK.
When the SYNC frame control register (SYNC_SEL) is “0”, long frame synchronization is specified
and when the register is “1”, short frame synchronization is specified.
BCLK
This is a shift clock I/O pin of a PCM signal.
When CLKSEL is “0”, clock input synchronized with SYNC is necessary. When G.711 is selected, input a
clock of 64 kHz to 2.048 MHz and when 16-bit linear is selected, input a clock of 128 kHz to 2.048 MHz.
When CLKSEL is “1”, this pin outputs a clock of 2.048 MHz synchronized with SYNC.
(Remarks) Table 2 shows the input-output control of SYNC and BCLK and the frequencies.
Table 2 SYNC and BCLK Input-Output Control
CLKSEL
SYNC
BCLK
Remarks
“0”
Input
(8 kHz)
Input
(64 kHz to
2048 kHz)
Always input a clock after start of power supply.
When G.711 is selected, input a clock of 64 kHz to 2.048
MHz.
When 16-bit linear is selected, input a clock of 128 kHz to
2.048 MHz.
“1”
Output
(8 kHz)
Output
(2.048 MHz)
At power down, “L” is output.
PCMO
This is a PCM signal output pin. A PCM signal is output synchronized with the rise of BCLK or SYNC.
For the output from PCMO, data is output to only the applicable time slot section according to the selected
coding format and the setting of the time slot position and other sections are set to a high-impedance state. If a
PCM interface is not used, PCMO is set to a high impedance state.
(Note)
Be sure to connect a pull-up resistor externally to the PCMO pin, because the pin is an open drain output pin.
Do not use a pull-up voltage greater than the digital power supply voltage (DVDD).
PCMI
This is a PCM signal input pin. The signal is shifted at falling of BCLK and is input from MSB.
If a PCM interface is not used, fix the input to “0” or “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com