Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7204-003 Datasheet(PDF) 52 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 52 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 214 page
background image
FEDL7204-003-02
ML7204-003
52/214
 Transmit error processing
If read processing from the MCU side does not terminate within the valid read period, an interrupt is generated
by setting the transmit error flag of the relevant channel (CH1:TXERR_CH1, CH2:TXERR_CH2) to “1”.
The transmit error is retained from the next valid read period until just before termination of the frame for
which transmit data read processing has been performed normally for the channel. Even if data read
processing does not terminate, the data in the transmit buffer is updated normally.
 Receive
2-channel receive request notification register (RXREQ_DC)
In this operation state, the MCU side is notified that two receive data write requests will be issued in one frame
by setting the 2-channel receive request notification register (RXREQ_DC) to “1”.
 Data write channel sequence
Since data can be written to the channels in any sequence, write receive data in either sequence of CH1
 CH2
or CH2
CH1 in one frame.
(Note)
Do not write receive data of the same channel in one frame in such a manner as CH1
 CH1 and CH2  CH2.
If receive data of the same channel is written in one frame, the receive data that is written by the first receive
request is decoded; however, the receive data that is written in the second receive request is discarded and an
interrupt is generated by setting a receive side invalid write error flag (RXBW_ERR) to “1”.
 Write procedure
This section describes the operation performed when receive data is written in the sequence of CH1
 CH2.
Write CH1 receive data (80 bytes) according to the first receive data write request (FR1 = 1&RXREQ_First =
1).
Before starting write operation of CH1 receive data, notify the LSI that CH1 receive data will be written by
setting the receive data write channel notification register ((RXFLAG_[CH2:CH1]) to [0:1].
After termination of CH1 receive data write processing, the second receive data write request (FR1 = 1 &
RXREQ_First = 0) is issued.
Write CH2 receive data (80 bytes) according to the second write request. In this case also, notify the LSI that
CH2 receive data will be written by setting the receive data write channel notification register
((RXFLAG_[CH2:CH1]) to [1:0], before starting CH2 receive data write processing. When a receive data
write request is issued, an interrupt is generated by setting FR1 to “1” regardless of the first or second request.
(Note)
The setting of RXFLAG_[CH2:CH1] = [1:1] or [0:0] is inhibited at notification of a receive data channel.
If RXFLAG_[CH2:CH1] = [1:1] or [0:0] is set, the receive data is discarded and an interrupt is generated by
setting the receive side invalid write error flag (RXBW_ERR) to “1”.
 Valid write period WE_DCn (CH1 & CH2)
The valid write period is 9 ms.
 Receive error processing
Terminate write processing of CH1 receive data and CH2 receive data within the valid write period.
If write processing from the MCU does not terminate within the valid write period, an interrupt is generated by
setting the receive error flag of the relevant channel (CH1:RXERR_CH1 or CH2:RXERR_CH2) to “1”.
The receive error is retained from the next valid write period until immediately before the termination of the
frame for which receive data of the channel has been written normally. When write processing of the receive
data of the channel is not performed, silent data is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com