Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 79 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 79 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
79/154
(5) IDLE detection for longer period
When CCA IDLE detection is performed for longer time period, IDLE_WAIT[9:0]([IDLE_WAIT_L/H:B0
0x3C/3B(1-0)] can be used. By setting IDLE_WAIT [9:0], averaging period longer than the period (for
example, AD conversion16μs, 8 times average setting 128μs) can be possible.
This function can be used for IDLE determination – by counting times when average ED value becomes
smaller than CCA threshold defined by [CCA_LVL: B0 0x37] register. When counting exceed IDLE_WAIT
[9:0], IDLE is determined. If average ED value exceeds CCA threshold level, imemediately “Busy” is
determined without wait for IDLE_WAIT [9:0] period.
The following timing chart is IDLE detection setting IDLE_WAIT[9:0].
Set ADC_CLK_SEL ([ADC_CLK_SET: B1 0x08(4)]) =0b1. (1.73 MHz)
Set ED_AVG[2:0] ([ED_CTRL: B0 0x41(2-0)])=0b011. (8 times average)
Set IDLE_WAIT[9:0] ([IDLE_WAIT_L/H:B0 0x3C/3B(1-0)])=0b00 0000 0011 (IDLE detection 55.5µs)
[ED value 8 timesv average IDLE detection case]
NOTE:
*1 Digital filter delay is “AD conversion time * 8”. AD conversion time can be slected by ADC_CLK_SEL
([ADC_CLK_SET: B1 0x08(4)]). Reset value is 1.73MHz and AD conversion time is 18.5μs.
ED value
(internal signal)
CCA_RSLT[1:0]
[CCA_CTRL: B0 0x39(1-0)]
INT[18] (CCA completion)
[INT_SOURCE_GRP3: B0 0x0F(2)]
CCA_EN
[CCA_CTRL: B0 0x39(4)]
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
AD conversion
(18.5μs)
ED value average period
(148μs)
0b10 (CCA on-going)
ED1
ED
(0-7)
0b00 (IDLE)
*1
averaging
CCA execution period (Min.296μs+55.5μs=351.5μs)
< CCA_LVL
B0 0x37
ED0
ED2
ED8
ED7
ED10
ED9
●●●
ED11
ED
(1-8)
ED
(2-9)
ED
(3-10)
IDLE_WAIT[9:0]
[IDLE_WAIT_L\H: B0 0x3C/3B]
IDLE detection period
(55.5μs)
INVALID
0x000
0x001 0x002 0x003
IDLE_WAIT start
(average ED value < CCA_LVL)
continue for AD conversion period
3 times ( 55.5μs), then IDLE is
determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com