Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
25/154
■Function description
●HOST Interface
●Serial Peripheral Interface (SPI)
ML7344 has a SPI, which supports slave mode. Host MCU can read/write to the ML7344 registers and
on-chip FIFO using MCU clock. Single access and burst access are also supported.
[Single Access Mode Timing Chart]
In write operation, data will be stored into internal register at rising edge of clock which is capturing D0 data.
During write operation, if setting SCEN line to “H”, the data will not be stored into register. For more details of
SCEN negate timing, please refer to the “SPI interface characteristics”. Afetr the internal clock is stabilized,
data will be written into the register in syncrohonization with the internal clock.
[Write]
[Read]
SCEN
SDI
SCLK
Address field
R
SDO
Data read field
D
7
D
0
A
6
A
0 “0”
SCEN
SDI
SCLK
W
Write data field
Address field
A
6
A
0
D
7
D
0
“1”
(Register write timing)
Before clock stable
After clock stable
D7-0
D7-0
Up to 0.45 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com