Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
29/154
●SLEEP setting
Deep SLEEP mode: Powers for all blocks except for IO pins are turned off.
SLEEP mode: Main regulator and 26MHz oscillation circuits are turned off. But sub-regulator is turned-on.
The following registers can be programmed to control SLEEP state
Function
Control bit name
Power control
PDN_EN([SLEEP?WU_SET:B0 0x2D(1)])
Wake-up setting
WAKEUP_EN([SLEEP/WU_SET:B0 0x2D(4)])
Wake-up timer clock source setting
WUT_CLK_SOURCE([SLEEP/WU_SET:B0 0x2D(2)])
Internal RC oscillator control
RC32K_EN([CLK_SET2:B0 0x03(3)])
Setting method and internal state for DEEP_SLEEP and various SLEEP modes are as follows:
SLEEP mode
Setting method
DEEP_SLEEP
RESETN pin=”L”
REGPDIN pin=”H”
OFF
OFF
OFF
OFF
OFF
OFF
SLEEP1
[SLEEP/WU_SET: B0 0x2D(4-0)] = 0b0_1011 (*2)
[CLK_SET2: B0 0x03(3)] = 0b0 (default)
OFF
ON
OFF
OFF
OFF
OFF
SLEEP2
[SLEEP/WU_SET: B0 0x2D(4-0)] = 0b0_1001 (*2)
[CLK_SET2: B0 0x03(3)] = 0b0 (default)
OFF
ON
OFF
OFF
(*1)
OFF
ON
SLEEP3
[SLEEP/WU_SET: B0 0x2D(4-0)] = 0b1_1001 (*2)
[CLK_SET2: B0 0x03(3)] = 0b0 (default)
OFF
ON
OFF
OFF
ON
ON
SLEEP4
[SLEEP/WU_SET: B0 0x2D(4-0)] = 0b1_1101 (*2)
[CLK_SET2: B0 0x03(3)] = 0b1
OFF
ON
OFF
ON
ON
ON
(*1) Low speed clock is supplied from EXT_CLK pin.
(*2) Please set proper value to [SLEEP/WU_SET: B0 0x2D(3)].
NOTE: Contents of registers are not kept during DEEP_SLEEP. Contents of registers are kept during SLEEP1, SLEEP2,
SLEEP3 and SLEEP4.
However, in SLEEP1 mode, contents of TX FIFO and RX FIFO are not kept, because power to FIFO is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com