Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
27/154
●LSI state transition control
●LSI State transition instruction
State can be controlled from MCU by setting registers below.
State transition command
Instruction
TX_ON
SET_TRX([RF_STATUS:B0 0x0B(3-0)])=0b1001
RX_ON
SET_TRX([RF_STATUS:B0 0x0B(3-0)])=0b0110
TRX_OFF
SET_TRX([RF_STATUS:B0 0x0B(3-0)])=0b1000
Force_TRX_OFF
SET_TRX([RF_STATUS:B0 0x0B(3-0)])=0b0011
SLEEP_EN
SLEEP_EN([SLEEP/WU_SET:B0 0x2D(0)])=0b1
VCO_CAL_EN
VCO_CAL_START([VCO_CAL_START:B0 0x6F(0)])=0b1
State can be changed without command from MCU. If one of the following condition is met, state is changed
automatically according to the following table. In order to enable these functions, the following registers must
be programmed.
Function
Control bit name
Automatic TX_ON after FIFO write completion (AUTO_TX
)
AUTO_TX_EN([RF_STATUS_CTRL:B0 0x0A(4)])
Automatic TX_ON during FIFO write (FAST_TX)
FAST_TX_EN([RF_STATUS_CTRL:B0 0x0A(5)])
RF state setting after packet transmission completion
TXDONE_MODE[1:0]([RF_STATUS_CTRL:B0 0x0A(1-0)])
RF state setting after packet reception completion
RXDONE_MODE[1:0]([RF_STATUS_CTRL:B0 0x0A(3-2)])
Automatic RX_ON/TX_ON by Wake-up timer
WAKEUP_MODE([SLEEP/WU_SET:B0 0x2D(6)])
WAKEUP_EN([SLEEP/WU_SET:B0 0x2D(4)])
Automatic VCO calibration after exit from SLEEP
AUTO_VCOCAL_EN([VCO_CAL_START:B0 0x6F(4)])
Automatic SLEEP by timer
WU_DURATION_EN([SLEEP/WU_SET:B0 0x2D(5)])
Automatic SLEEP by high speed carrier checking mode
FAST_DET_MODE_EN([CCA_CTRL:B0 0x39(3)])
Force_TRX_OFF after PLL unlock detection during TX
PLL_LD_EN([PLL_LOCK_DETECT:B1 0x0B(7)])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com