Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 95 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 95 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
95/154
●I/Q adjustment
Image rejection ratio can be adjusted by tuning IQ signal balance. The adjustment procedure is as follows:
1. From SG, image frequency signal is input to ANT pin (#24).
Input signal:
no modulation wave
Input frequency:
channel frequency - (2 * IF frequency)
IF frequency = 200kHz:
Input level:
-70dBm
2. Isuuing RX_ON by [RF_STATUS:B0 0x0b] register, by adjusting
[LO_BIAS_IP: B2 0x2C]、From 0x50 To 0xD0 Step 0x04
[LO_BIAS_IN: B2 0x2D]、From 0x60 To 0xA0 Step 0x10
[LO_BIAS_QP: B2 0x2E]、From 0x50 To 0xD0 Step 0x04
[LO_BIAS_QN: B2 0x2F]、From 0x60 To 0xA0 Step 0x10
, finding setting value so that ED value [ED_RSLT: B0 0x3A] is minimum.
3. It is possible to choice the adjusted value and break the above search flow at halfway.
To obtain minimum 30dB blocking characteristic for image frequency, ML7344 requires more than
40dB attenuation for image frequency (IMRR: IMage Rejection Ratio). The 10dB differ is caused by
co-channel blocking characteristic of ML7344. Because input -70dBm signal during IQ adjustment,
IMRR is more than 40dB if ML7344 indicates less than -110dBm by ED value. It is possible to break
adjustment flow at halfway by using the ED value as “Target value” in the IQ adjustment flow.
●IQ adjustment flow
For IQ adjustment, using Bank2 (closed Bank) registers. Any other register access is inhibited.
1
Read ED value
[ED_RSLT: B0 0x3A]
IQ Bias initializing setting
[LO_BIAS_IN: B2 0x2D] = 0x80
[LO_BIAS_QN:B2 0x2F] = 0x80
START
Power on
SG output setting
modulation: no modulation
level : -70dBm
frequency: CH frequency- 2 * IF
frequency
Initialize setting
* Please refer to
“Initialization table”.
RX_ON setting
[RF_STATUS: B0 0x0B]
1
IQ adjustment by following register
[LO_BIAS_IP: B2 0x2C]
[LO_BIAS_QP:B2 0x2E]
Read ED value < Target value ?
Change setting value of
[LO_BIAS_IN: B2 0x2C]
[LO_BIAS_QN:B2 0x2E]
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com