Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 53 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 53 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
53/154
If DIO_START is issued before SyncWord detection, data is not buffered in RX_FIFO and RX data after
SyncWord detection will be output at falling edge of DCLK . In order to complete RX before SYNC
becomes ”L”, DIO RX completion setting (DIO_RX_COMPLETE([DIO_SET: B0 0x0C(2)]=0b1) is
necessary. After DIO_RX_COMPLETE setting, ready to receive the next packet.
iii) Data output mode 2 (to host)
Set RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)])=0b11.
Only Data-field of RX data is buffered in RX_FIFO. RX data indicated by L-field is stored in RX_FIFO. By
DIO_START([DIO_SET: B0 0x0C(0)])=0b1, top data of buffered data will be output through DIO interface
(DIO/DCLK). (RX data is output at falling edge of DCLK).
However, if DIO_START setting is done after 64 byte timing, the top byte will be overwritten. If all data
indicated by L-field is output, RX completion interrupt (INT[8] group2) will be generated. After RX
completion, ready to receive next packet. Length information is stored in [RX_PKT_LEN_H/L: B0
0x7D/7E] registers. This mode support fileld check function.
NOTE:
RX data buffering in RX_FIFO is byte by byte access. DIO_START should be issued after elapsed time from
SyncWord detection to L-field length + over 1byte access time.
DIO_START=0b1
DIO(GPIO0-3,EXT_CLK)
RX_ON
RX_ON
command
RX data
DCLK(GPIO0-3,EXT_CLK)
TRX_OFF
command
Buffering to RX_FIFO
RX sync signal
Preamble
SyncWord
Data-field
DIO_RX_COMPLETE
=0b1
DIO(GPIO0-3,EXT_CLK)
RXON
RX data
DCLK(GPIO0-3,EXT_CLK)
Preamble
SyncWord
Data-field
L-field
DIO_START=0b1
RX_ON
command
TRX_OFF
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com