Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 87 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 87 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
87/154
Interrupt notice
Reference point
Timing From reference point to interrupt generation
or interrupt generation timing
INT[22]
General purpose
timer 1 completion
Timer start
General purpose timer 1 completion
General purpose timer clock cycle * Division setting
[GT_CLK_SET: B0 0x33] * general purpose timer interval
setting [GT1_TIMER:B0 0x34]
For details, please refer to the “General purpose timer”.
INT[23]
General purpose
timer 2 completion
Timer start
General purpose timer 2 completion
General purpose timer clock cycle * Division setting
[GT_CLK_SET: B0 0x33] * general purpose timer interval
setting [GT2_TIMER:B0 0x35]
For details, please refer to the “General purpose timer”.
(3) Clearing interrupt condition
The following table shows the condition of clearing each intereupt. As a procedure to clear the interrup, it is
recommended that the interrupt to be cleared after masking the interrupt.
Interrupt notification
Conditions for clearing interrupts
INT[0]
CLK stabilization completion
After interrupt generated
INT[1]
VCO calibration completion
After interrupt generated
INT[2]
PLL unlock or VCO CAL request
After interrupt generated
INT[3]
RF state transition completion
After interrupt generated
INT[4]
FIFO-Empty
After interrupt generated
(must clear before next FIFO-Empty trigger timing)
INT[5]
FIFO-Full
After interrupt generated
(must clear before next FIFO-Full trigger timing)
INT[6]
Wake-up timer completion
After interrupt generated
INT[7]
Clock calibration completion
After interrupt generated
INT[8]
RX completion
After interrupt generated
INT[9]
CRC error
After interrupt generated
INT[10]
Reserved
-
INT[11]
RX Length error
After interrupt generated
INT[12]
RX FIFO access error
After interrupt generated
INT[13]
SyncWord detection
After interrupt generated
INT[14]
Field checking
After interrupt generated
INT[15]
Sync error
After interrupt generated
INT[16/]
TX completion
After interrupt generated
INT[17]
TX Data request accept completion
After interrupt generated
INT[18]
CCA completion
After interrupt generated
Note: Clearing interrupt erase CCA result as well.
INT[19]
TX Length error
After interrupt generated
INT[20]
TX FIFO access error
After interrupt generated
INT[21]
Reserved
-
INT[22]
General purpose timer 1
After interrupt generated
INT[23]
General purpose timer 2
After interrupt generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com