Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 98 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 98 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
98/154
In actual operation, based on the 2 compensation values for each TX/RX, the most optimized capacitance value
for the frequency is calculated and applied. The calculated value is stored in [VCO_CAL: B0 0x6E].
By evaluation stage, if below values are stored in the MCU memory and uses these values upon reset or
power-up, calibration operation can be omitted.
Registers to be saved in the MCU memory.
[VCO_CAL_MIN_I: B1 0x4D]
[VCO_CAL_MIN_FH: B1 0x4E]
[VCO_CAL_MIN_FM: B1 0x4F]
[VCO_CAL_MIN_FL: B1 0x50]
[VCO_CAL_MAX_N: B1 0x51]
[TXVCAL_MIN: B1 0x52]
[TXVCAL_MAX: B1 0x53]
[RXVCAL_MIN: B1 0x54]
[RXVCAL_MAX: B1 0x55]
After issuing VCO calibration, VCO tuning voltage may be out of control range by the temperature difference
between operating timing and VCO calibration timing. If activating RF when VCO tuninng voltage is out of
control range, the margine of VCO operation will be lost and it may cause the PLL unlock. When detecting VCO
tuning voltage is out of control range, VCO calibration should be re-issued or set VCO caluibration value which
has operating margine at that temperature.
The ML7344 has the function of comparing the VCO tunign voltage with upper and lower limit voltages and
determining it is in the control range or not and indiacting the result. After detecting VCO tuning voltage is out
of contol range, it can be notified by INT[2] (group1: VCO CAL request interrupt).
[Relative controlo bit]
The comparison result with maximum threshold: VTUNE_COMP_H ([VCO_VTRSLT:B0 0x40(1)])
The comparison result with minimum threshold: VTUNE_COMP_L ([VCO_VTRSLT:B0 0x40(0)])
VCO CAL request interrupt enable setting: VTUNE_INT_ENB ([VCO_VTRSLT:B0 0x40(2)])
State control after PLL unlock detection: PLL_LD_EN ([PLL_LOCK_DETECT:B1 0x0B(7)]
[VCO voltage condition]
VTUNE_COMP_L
[VCO_VTRSLT:B0 0x40(0)]
VTUNE_COMP_H
[VCO_VTRSLT:B0 0x40(1)]
Condition
0b0
0b0
Ordinary
0b0
0b1
Out of control range
(beyond upper level)
0b1
0b0
Out of control range
(below lower level)
0b1
0b1
Extra ordinary
NOTE:
1.
For low limit frequency, please use frequency at least 400kHz lower than operation frequency
2.
For upper limit frequency should be selected so that operation frequency is in the frequency range.
3.
In case of like a channel change, if the setting frequency is outside of calibration frequency range,
calibration process has to be performed again with proper frequency.
4.
INT[2] (group1) will generate by detecting PLL unlock or VCO CAL request (when VTUNE_INT_ENB
([VCO_VTRSLT:B0 0x40(2)])=0b1). The following shows the ML7344 opereation related with LSI
state and PLL_LD_EN([PLL_LOCK_DETECT:B1 0x0B(7)]) setting, after interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com