Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344CE Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
14/154
(*8) When using ML7344xC, power consumptions of each mode exluded Deep Sleep and Sleep are added
IDD_XTAL.
●DC characteristics
Item
Symbol
Conditions
Min
Typ. (*2)
Max
Unit
VIH1
Digital input/inout pins
VDDIO
*0.75
-
VDDIO
V
Voltage Input High
VIH2
XIN pin
1.35
-
1.5
V
VIL1
Digital input/inout pins
0
-
VDDIO
*0.18
V
Voltage Input Low
VIL2
XIN pin
0
-
0.15
V
Schmit Trigger
Threshold High level
VT+
Digital pins with shmitt trigger
gate
-
1.2
VDDIO
*0.75
V
Schmit Trigger
Threshold Low level
VT-
Digital pins with shmitt trigger
gate
VDDIO
*0.18
0.8
-
V
IIH1
Digital input pins
-1
-
1
μA
IIL1
Digital input pins
-1
-
1
μA
Input leakage current
IIL2
XIN pin
-0.3
-
0.3
μA
IOZH
EXT_CLK, GPIO0-3 pins
-1
-
1
μA
Tri-state output
leakage current
IOZL
EXT_CLK, GPIO0-3 pins
-1
-
1
μA
Voltage ouput level H
VOH
IOH=-4mA
VDDIO
*0.8
-
VDDIO
V
Voltage ouput evel L
VOL
IOL=4mA
0
-
0.3
V
MAIN_REG
REG_CORE and
REG_OUTpin
When in mode other than
1.4
1.5
1.6
V
Regulator output
voltage
SUB_REG
REG_CORE pin
When in sleep mode
0.95
1.5
1.65
V
CIN
Input pins
-
6
-
pF
COUT
Output pins
-
9
-
pF
CRFIO
RF inout pins
-
9
-
pF
Pin capacitance
CAI
Analog input pins
-
9
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com