Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 6
MQME-270-R
Current: 2A
Technical Specification
BASIC OPERATION AND FEATURES
The MQME-270-R is a multi-stage differential-mode and common-
mode passive EMI filter designed to interface a power source
with one or more SynQor DC/DC converters (or other loads that
create EMI). Each stage of this filter is well damped to avoid
resonances and oscillations, and only X7R multi-layer ceramic
capacitors are used.
Figure 1 shows the typical differential
and common-mode attenuation provided by this filter when the
source impedance is 50W to chassis ground on each input line.
The MQME-270-R EMI filter includes a large bulk capacitor (also X7R)
with a series damping resistor to correct for the unstabilizing effect
of a converter’s negative input resistance. A white paper discussing
this negative input resistance and the need for corrective damping
can be found on the SynQor website (see Input System Instability
application note). Figure 2 shows the magnitude of the filter’s output
impedance when the filter input is connected to a stiff voltage source.
When used with SynQor’s DC/DC converters, the MQME-270-R
EMI filter is designed to pass all of the relevant MIL-STD-461C/D/
E/F requirements to their most stringent limits. The MIL-STD-461
Compliance Matrix Table lists these requirements and describes the
setup used to pass them. Figures 3 - 6 show results from selected
conductive and radiated emissions tests.
The filter is also designed to pass the waveform types and applications
specified in RTCA/DO-160E/F/G Section 22 (Lightning Induced
Transient Susceptibility) to Level 4 (some waveforms / applications
require external transient suppression circuitry). The Section 22
Compliance Matrix Table lists these waveforms and applications
and describes the setup used to pass them.
A typical application would place the MQME filter close to the
input of the DC/DC converter, with the cases of the filter and
the converter connected together through a ground plane. Both
cases are electrically conductive, so connection to the cases
can be made with the fasteners used to secure the device.
Do not connect the outputs of multiple MQME-270-R filters in parallel.
Connecting filters in this manner may result in slightly unequal currents
to flow in the positive and return paths of each filter. These unequal
currents may cause the internal common-mode chokes to saturate
and thus cause degraded common-mode rejection performance.
REVERSE POLARITY PROTECTION: The MQME-270-R EMI filter
has a series-connected diode. This diode blocks reverse current
flow if the filter's input voltage is mistakenly connected with the
wrong polarity. The anti-parallel diode, working with the reverse
polarity diode, ensures that the filter's output voltage goes only
slightly negative during this time, and therefore satisfying the
minimum input voltage specifications of SynQor's MQFL converters.
The reverse polarity diode also preforms a useful function during
negative polarity spikes and surges, and during brief power
interrupts. Since it stops current from flowing negatively through the
EMI filter back toward the source, thediode allows the total bulk
capacitor (located both within and external to the filter) to better
hold up the output voltage during these transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com