Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  MQME-270-R Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 2
MQME-270-R
Current: 2A
Technical Specification
BLOCK DIAGRAM
TYPICAL CONNECTION DIAGRAM
INPUT
RETURN
OUTPUT
RETURN
POSITIVE
INPUT
POSITIVE
OUTPUT
PINS 1, 2, 3
PINS 4, 5, 6
PINS 10, 11, 12
PINS 7, 8, 9
RDAMPING
CBULK
ANTI-PARALLEL
DIODE
MQME EMI
FILTER
+VIN
-VIN
+Vout
-Vout
Load
MQFL DC-DC
CONVERTER
+VIN
IN RTN
+Vout
OUT RTN
TO OTHER LOADS
Load
MQFL DC-DC
CONVERTER
+VIN
IN RTN
+Vout
OUT RTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com