Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 10
MQME-270-R
Current: 2A
Technical Specification
EMI
Military Standard 461 Compliance Matrix
This table shows the MIL-STD-461 requirements/limits that will be met* by the stand-alone setups indicated below:
• MQME-270-P Filter
• MQFL-270-05S Converter
• 120W Resistive load
• Metal Chassis Plane
Mil-Std-461
MIL-STD-461C
Mil-Std-461
MIL-STD-461D/E/F
Requirement Most Stringent Limit Listed
Requirement
Most Stringent Limit Listed
Conducted
Emissions
CE01
CE03
CE07
Class A5 (Submarine)
Class A5 (Submarine)‡
Class A1 (Aircraft)
Conducted
Emissions
CE101
CE102
Submarine
Basic Curve
Conducted
Susceptibility
CS01
Class A5 (Submarine)
Conducted
Susceptibility
CS101
Curve #2
CS02
Class A5 (Submarine)
CS106
(461F Only)
CS06
Class A1/A5 (Aircraft/Sub)
CS114
Curve #5
CS10
Class A5 (Submarine)
CS115
Basic Waveform
CS11
Class A5 (Submarine)
CS116
Imax = 10A
Radiated
Emissions
RE01
RE02†
Class A5 (Submarine)
Class A5 (Submarine)
Radiated
Emissions
RE101
Navy
RE102†
Submarine
Fixed Wing Internal, >25
meters Nose to Tail
Radiated
Susceptibility
RS01
RS02
RS03
Class A5 (Submarine)
Class A1/A5 (Aircraft/Sub)
Class A4 (Surface Ship)
Radiated
Susceptibility
RS101
RS103
Army
Aircraft External
* Susceptibility requirements/limits are considered to be met as long as transient deviations in the converter’s output voltage remain
within ±10% of its initial value.
† Met with metal screen shield covering the filter, converter, and resistive load.
‡ In almost every case the limit listed is the most stringent of the requirements. The one exception is CE03 - High Frequency
Broadband Conducted Emissions, Converter with Passive Filter. In this case the filter and converter passed the A1 limit. The filter and
converter pass the CE03 - Narrowband Conducted Emissions at the A5 limit level.
Met by any MQME Filter
Met by a MQME filter having an
external 2µF capacitor in series with
a 5Ω resistor connected across the
output of a MQME filter module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com