Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 14Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 11
MQME-270-R
Current: 2A
Technical Specification
CONSTRUCTION AND ENVIRONMENTAL STRESS SCREENING OPTIONS
Screening
Consistent with
MIL-STD-883F
C-Grade
ES-Grade
HB-Grade
( specifiedfrom )
( specifiedfrom )
( specifiedfrom )
0 °C to +70 °C
-45 °C to +100 °C
-55 °C to +125 °C
Element Evaluation
No
Yes
Yes
Internal Visual
IPC-A-610 Class 3
Yes
Yes
Yes
Temperature Cycle
Method 1010
No
Condition B
(-55 °C to +125 °C)
Condition C
(-65 °C to +150 °C)
Constant Acceleration
Method 2001
(Y1 Direction)
No
500 g
Condition A
(5000 g)
Burn-in
Method 1015
24 Hrs @ +125 °C
96 Hrs @ +125 °C
160 Hrs @ +125 °C
Final Electrical Test
Method 5005 (Group A)
+25 °C
-45, +25, +100 °C
-55, +25, +125 °C
Mechanical Seal,
Thermal, and
Coating Process
Full QorSeal
Full QorSeal
External Visual
Method 2009
Yes
Yes
Yes
Construction Process
QorSeal
QorSeal
MilQor® Hi-Rel converters and filters are offered in three variations of environmental stress screening options. All ES-Grade and HB-Grade MilQor
Hi-Rel converters use SynQor’s proprietary QorSeal® Hi-Rel assembly process that includes a Parylene-C coating of the circuit, a high performance
thermal compound filler, and a nickel barrier gold plated aluminum case. Each successively higher grade has more stringent mechanical and
electrical testing, as well as a longer burn-in cycle. The ES- and HB-Grades are also constructed of components that have been procured through an
element evaluation process that pre-qualifies each new batch of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com