Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 12 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 12 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 14Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 12
MQME-270-R
Current: 2A
Technical Specification
MIL-STD-810F Qualification Testing
MIL-STD-810F Test
Method
Description
Fungus
508.5
Table 508.5-I
Altitude
500.4 - Procedure I
Storage: 70,000 ft / 2 hr duration
500.4 - Procedure II
Operating: 70,000 ft / 2 hr duration; Ambient Temperature
Rapid Decompression 500.4 - Procedure III
Storage: 8,000 ft to 40,000 ft
Acceleration
513.5 - Procedure II
Operating: 15 g
Salt Fog
509.4
Storage
High Temperature
501.4 - Procedure I
Storage: 135 °C / 3 hrs
501.4 - Procedure II
Operating: 100 °C / 3 hrs
Low Temperature
502.4 - Procedure I
Storage: -65 °C / 4 hrs
502.4 - Procedure II
Operating: -55 °C / 3 hrs
Temperature Shock
503.4 - Procedure I - C Storage: -65 °C to 135 °C; 12 cycles
Rain
506.4 - Procedure I
Wind Blown Rain
Immersion
512.4 - Procedure I
Non-Operating
Humidity
507.4 - Procedure II
Aggravated cycle @ 95% RH (Figure 507.5-7 aggravated temp -
humidity cycle, 15 cycles)
Random Vibration
514.5 - Procedure I
10 - 2000 Hz, PSD level of 1.5 g2/Hz (54.6 g
rms), duration = 1 hr/axis
Shock
516.5 - Procedure I
20 g peak, 11 ms, Functional Shock (Operating no load) (saw tooth)
516.5 - Procedure VI
Bench Handling Shock
Sinusoidal vibration
514.5 - Category 14
Rotary wing aircraft - helicopter, 4 hrs/axis, 20 g (sine sweep from
10 - 500 Hz)
Sand and Dust
510.4 - Procedure I
Blowing Dust
510.4 - Procedure II
Blowing Sand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com