Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  MQME-270-R Datasheet HTML 1Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 2Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 3Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 4Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MQME-270-R
Reverse Polarity
Protection Filter
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 1
HIGH RELIABILITY EMI FILTER
-400V to +400V
2A
1.6Ω @ 125°C
>80dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation
FULL POWER OPERATION: -55ºC to +125ºC
MQME-270-R-Y
-HB
EMI FIL
TER
270in
2A 360W
Specification Compliance
MQME series filters (with MQFL converters) are
designed to meet:
• MIL-HDBK-704-7 (A through F)
• RTCA/DO-160E/F/G Section 16
• MIL-STD-1275B/D
• DEF-STAN 61-5 (part 6)/5
• MIL-STD-461 (C, D, E, F)
• RTCA/DO-160E/F/G Section 22
Features
• 2A output current
• Reverse polarity protection
• Very low DC resistance
• > 80 dB differential-mode attenuation at 500kHz
• > 60 dB common-mode attenuation at 500kHz
• Stabilizing bulk capacitor and damping resistor
included
• All capacitors are X7R multi-layer ceramic
Designed to meet all MIL-STD 461 EMI and
most RTCA/D0-160E/F/G Section 22 lightning
requirements
In-Line Manufacturing Process
• AS9100 and ISO 9001 certified facility
• Full component traceability
• Temperature cycling
• Constant acceleration
• 24, 96, 160 hour burn-in
• Three level temperature screening
Design Process
MQME series filters are:
• Designed for reliability per NAVSO-P3641-A guidelines
• Designed with components derated per:
— MIL-HDBK-1547A
— NAVSO P-3641A
DesigneD & ManufactureD in the usa
featuring Qorseal® hi-rel asseMbly
The MilQor® series of high-reliability EMI filters brings SynQor’s
field proven technology and manufacturing expertise to the
Military/Aerospace industry. SynQor’s innovative QorSeal®
packaging approach ensures survivability in the most hostile
environments. Compatible with the industry standard format,
these filters have high differential-mode and common-
mode attenuation, low DC resistance, and a stabilizing
bulk capacitor resistor. They follow conservative component
derating guidelines and they are designed and manufactured
to comply with a wide range of military standards.
Qualification Process
MQME series filters are qualified to:
• MIL-STD-810F
— consistent with RTCA/D0-160E/F/G
• SynQor’s First Article Qualification
— consistent with MIL-STD-883F
• SynQor’s Long-Term Storage Survivability Qualification
• SynQor’s on-going life test


Similar Part No. - MQME-270-R

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-270-R-U-B SYNQOR-MQME-270-R-U-B Datasheet
1Mb / 13P
High Reliability EMI Filter
MQME-270-R-U-C SYNQOR-MQME-270-R-U-C Datasheet
1Mb / 13P
High Reliability EMI Filter
MQME-270-R-U-ES SYNQOR-MQME-270-R-U-ES Datasheet
1Mb / 13P
High Reliability EMI Filter
MQME-270-R-U-HB SYNQOR-MQME-270-R-U-HB Datasheet
1Mb / 13P
High Reliability EMI Filter
MQME-270-R-W-B SYNQOR-MQME-270-R-W-B Datasheet
1Mb / 13P
High Reliability EMI Filter
More results

Similar Description - MQME-270-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
Zero IQ Reverse Polarity Protection Smart Diode Controller
logo
Pasternack Enterprises,...
PE34750 PASTERNACK-PE34750 Datasheet
437Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity
PE34750-12 PASTERNACK-PE34750-12 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-36 PASTERNACK-PE34750-36 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
logo
Texas Instruments
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
LM74500-Q1 Reverse Polarity Protection Controller
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com