Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 5Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 6Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 9
MQME-270-R
Current: 2A
Technical Specification
Lightning Induced Transient Susceptibility
RTCA/DO-160E/F/G Section 22 Compliance Matrix
This table shows the RTCA/DO-160 Section 22 requirements/limits that will be met* by a stand-alone setup comprised of:
• MQME-270-P Filter
• MQFL-270-05S Converter
• 120W Resistive load
• Metal Chassis Plane
RTCA/DO-160E/F/G
RTCA/DO-160E/F/G Section 22
Waveform Maximum Level
Passed
Test Conditions
Pin Injection
3
4
Signal applied to +Vin pin. Input Return pin connected to system
ground
4
4†
5a
4†
Single- and Multiple-Stroke
2
4**
Signal applied to unshielded power cable bundle
Cable Induction
3
4
Single- and Multiple-Stroke
4
4
Signal applied between metal ground plane and system ground
Ground Injection
5
4
Multiple-Burst Cable Induction
3
4
Signal applied to unshielded power cable bundle
* Requirement is deemed to have been met as long as transient deviations in the converter’s output voltage remain within ±10% of its
initial value.
† For these waveforms at Level 3 and above, an external transient suppressor of sufficient energy rating must placed across the
filter’s input pins to keep the differential transient input voltage below +200V/-50V. Negative polarity waveforms may cause power
flow to the converter to be interrupted long enough to cause a graceful shutdown and restart of the converter. Also, the reverse
voltage protection feature of the -T filter is required to protect the converter (but not the filter) from negative polarity waveform.
** For this waveform at a Level 4 and above, external transient suppressors of sufficient energy rating must be added between the
filter’s input power pins and its case to keep the common-mode transient input voltage below +800V.
Met by any MQME Filter
Met by a MQME Filter having
external Transient Suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com