Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 14 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 14 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 14Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 14
MQME-270-R
Current: 2A
Technical Specification
Product
Family
Designator
Continuous
Input
Voltage
Power
(Amperage)
Rating
Version
(see table
below)
Features Available
(In Addition to Passive Filter Components)
Enable Pass-
Through
Circuitry
Transient
Suppression
Circuitry
Soft-Start
Circuitry
Reverse Polarity
Protection
Circuitry
MQME-28
40V
320W (20A)
P
MQME-28E
70V
T
T6
MQHE-28
40V
160W (10A)
P
MQHE-28E
70V
MQHE-270
400V
160W (1A)
P
MQME-270
400V
320W (2A)
P
R
MQME-270L
400V
200W (3A)
P
R
MilQor Filter Family Matrix
The tables below show the array of MilQor filters available. When ordering SynQor converters, please ensure that you use the complete part number accord-
ing to the table in the last page.Contact the factory for other requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com