Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQME-270-R Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part # MQME-270-R
Description  Reverse polarity protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MQME-270-R Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

Back Button MQME-270-R Datasheet HTML 7Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 8Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 9Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 10Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 11Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 12Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 13Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 14Page - SynQor Worldwide Headquarters MQME-270-R Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Product # MQME-270-R
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006166 Rev. E
05/31/2016
Page 13
MQME-270-R
Current: 2A
Technical Specification
First Article Testing consistent with MIL-STD-883F
MIL-STD-883F Test
Method
Description
Electrical Tests
5005
Physical Dimensions test
2016
Resistance to Solvents test
2015.13
Solderability test
2003.8
Lead Integrity test
2004.5
Salt Atmosphere test
1009.8
Condition “A”
Adhesion of Lead Finish test
2025.4
Altitude Operation test
1001
Condition “C”
ESD Sensitivity
3015.7
Class 2
Stabilization Bake test
1008.2
Condition “C”
Vibration Fatigue test
2005.2
Condition “A”
Random Vibration test
2026
Condition “II K”
Sequential Test Group #1
Life Test – Steady State test
1005.8
Life Test – Intermittent Duty test
1006
Sequential Test Group #2
Temperature Cycle test
1010.8
Condition “C”
Constant Acceleration test
2001.2
Condition “A”
Sequential Test Group #3
Thermal Shock test
1011.9
Condition “B”
Temperature Cycle test
1010.8
Condition “C”
Moisture Resistance test
1004.7
With Sub cycle
Sequential Test Group #4
Mechanical Shock test
2002.4
Condition “B”
Variable Frequency Vibration test
2007.3
Condition “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com