Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 39 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 39 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 35Page - Texas Instruments GC2011A Datasheet HTML 36Page - Texas Instruments GC2011A Datasheet HTML 37Page - Texas Instruments GC2011A Datasheet HTML 38Page - Texas Instruments GC2011A Datasheet HTML 39Page - Texas Instruments GC2011A Datasheet HTML 40Page - Texas Instruments GC2011A Datasheet HTML 41Page - Texas Instruments GC2011A Datasheet HTML 42Page - Texas Instruments GC2011A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Texas Instruments Incorporated
- 35 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.7
SNAPSHOT MODE CONTROL REGISTERS
The snapshot memory is divided into two halves, 128 words by 16 bits each. SNAP_REGA controls the A-half
of the snapshot memory, SNAP_REGB controls the B-half.
ADDRESS 8:
SNAP_REGA
ADDRESS 9:
SNAP_REGB
BIT
TYPE
NAME
DESCRIPTION
0,1 (LSBs)
R/W
SEL_IN
Selects the snapshot source as:
SEL_IN
DESCRIPTION
0
IB[0:11]
1
IA[0:11]
2
OA[0:15]
3
OB[0:15]
2,3
R/W
SNAP_RATE
Determines the rate at which samples are stored according to:
SNAP_RATE
DESCRIPTION
0
every clock, full rate samples
1
every other clock, half rate samples
2
invalid
3every 4th clock, quarter rate samples.
4-7
R/W
SNAP_DELAY
Delay from snapshot trigger in blocks of 128 samples until start of
snapshot. The delay is:
128*SNAP_DELAY*(SNAP_RATE+1)
clock cycles where SNAP_DELAY ranges from 0 to 15. This control
allows the user to start the A or B-half snapshot a fixed number of
samples after the other half’s snapshot.
8
R/W
SNAP_HOLD
Do not start a new snapshot. This control lets the user start one
half of the snapshot memory and not the other.
9
R/W
BYTE_MODE
This control reorganizes the memory half into 256 bytes instead
of 128 words. The upper 8 bits of the input source are stored.
10-15(MSB)
R/W
-
unused
In the BYTE_MODE the memory is reorganized so that the first 128 bytes of the 256 byte snapshot are stored
in the least significant bytes of the 128 word memory and the second 128 bytes are stored in the most significant bytes
of the 128 word memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com