Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 29 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 29 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 25Page - Texas Instruments GC2011A Datasheet HTML 26Page - Texas Instruments GC2011A Datasheet HTML 27Page - Texas Instruments GC2011A Datasheet HTML 28Page - Texas Instruments GC2011A Datasheet HTML 29Page - Texas Instruments GC2011A Datasheet HTML 30Page - Texas Instruments GC2011A Datasheet HTML 31Page - Texas Instruments GC2011A Datasheet HTML 32Page - Texas Instruments GC2011A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Texas Instruments Incorporated
- 25 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
4.2
160 PIN BALL GRID ARRAY (PBGA) PACKAGE
AI11
H11
AI10
G12
AI9
H12
AI8
G14
AI7
G13
AI6
G11
AI5
F14
AI4
F12
AI3
F13
AI2
F11
AI1
E14
AI0
E12
SI
C14
SN
C12
CK
N8
B4
DAV
A3
D14
AOF
SO
WE (R/W)
N7
CE (CS)
P6
A3
P11
A2
L10
A1
N9
A0
L8
GC2011A
VCC (CORE):
GND:
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE MIDDLE OF EACH SIDE OF THE CHIP
AO15
H3
AO14
G4
AO13
G1
AO12
F3
AO11
F1
AO10
F2
AO9
E4
AO8
E3
AO7
E1
AO6
E2
AO5
C1
AO4
C2
AO3
B1
AO2
B2
AO1
B3
AO0
C3
CKEN
P7
BO15
B5
BO14
C6
B013
A6
BO12
D7
BO11
B7
BO10
A7
BO9
B8
BO8
D9
BO7
B10
BO6
D11
BO5
A11
BO4
C11
BO3
B11
BO2
A12
BO1
B12
BO0
A13
(MSB)
(MSB)
(MSB)
AOE
G3
BOE
B13
A7
L13
A6
M14
A5
M12
A4
P12
A8
L12
(MSB)
C3
J1
C2
H4
C1
H2
C0
H1
C7
K2
C6
K3
C5
K1
C4
J3
C10
L3
C9
L1
C8
K4
C14
L4
C13
N4
C12
P2
C11
L2
C15
N5
(MSB)
BI11
L14
BI10
L11
BI9
K13
BI8
K14
BI7
K12
BI6
K11
BI5
J13
BI4
J14
BI3
J12
BI2
J11
BI1
H13
BI0
H14
(MSB)
C4
BOF
UNUSED:
LLL = Lot Number
YYWW = Date Code
MMMMM = Mask Code
DIMENSION
TYP
D
TOLERANCE
(width body)
15 mm
D1 (width cover)
13 mm
P
(ball pitch)
1.0 mm
B
(ball width)
0.53 mm
L
(overhang)
0.5 mm
A
(overall height)
1.53 mm
A1 (ball height)
0.5 mm
mm
mm
mm
mm
mm
mm
mm
RE (GND)
M6
0.5 mm
13 mm
1.53 mm
0.36 mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1 234 56 78 9 10 11 12 13 14
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1 234 56 78 9 10 11 12 13 14
1.0 mm
0.53 mm
TOP VIEW
BOTTOM VIEW
A2 (substrate thickness)
0.36 mm
mm
B
D
D1
P
A
A1
A2
0.5 mm
L
VCC (PAD RING):
A8, B6, C10, D2, D6, D8, D10, D12, D13, L5, L6, M7, M9, M10,
A10, B14, D3, D5, F4, J2, M1, M13
A5, A9, B9, C5, C7, C8, D4, E11, E13, L7, L9, M2, M4, M5, M8,
A2, N2
GND (THERMAL):
G7, G8, H7, H8
N3, N6, N10, N11, N12, P3, P4, P8, P13
M11, N1, N13, P5, P9, P10, A4, C9, C13, D1, G2, J4, M3, N14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com