Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 32 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 32 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 28Page - Texas Instruments GC2011A Datasheet HTML 29Page - Texas Instruments GC2011A Datasheet HTML 30Page - Texas Instruments GC2011A Datasheet HTML 31Page - Texas Instruments GC2011A Datasheet HTML 32Page - Texas Instruments GC2011A Datasheet HTML 33Page - Texas Instruments GC2011A Datasheet HTML 34Page - Texas Instruments GC2011A Datasheet HTML 35Page - Texas Instruments GC2011A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Texas Instruments Incorporated
- 28 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
6.0
CONTROL REGISTERS
The chip is configured and controlled through the use of 11 sixteen bit control registers. These registers are
accessed for reading or writing using the control bus pins (CE, RE, WE, A[0:8], and C[0:15]) described in the previous
section. The register names and their addresses are:
ADDRESS
NAME
ADDRESS
NAME
0
APATH_REG0
8
SNAP_REGA
1
APATH_REG1
9
SNAP_REGB
2
BPATH_REG0
10
SNAP_REGC
3
BPATH_REG1
11
ONE_SHOT
4
CASCADE_REG
12
NEW_MODES
5
COUNTER_REG
13 to 127
unused
6
GAIN_REG
128 to 255
Coefficient Registers
7
OUTPUT_REG
256 to 511
Snapram
The following sections describe each of these registers. The type of each register bit is either R or R/W
indicating whether the bit is read only or read/write. All bits are active high.
The APATH_REG0, APATH_REG1, BPATH_REG0, BPATH_REG1, CASCADE_REG and OUTPUT_REG
control register settings given in Section 3.0 will configure the chip into the most common modes of operation. This
Section describes the meanings of the individual register bits used to set up those modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com