Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2011A Datasheet(PDF) 27 Page - Texas Instruments

Part # GC2011A
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A Datasheet(HTML) 27 Page - Texas Instruments

Back Button GC2011A Datasheet HTML 23Page - Texas Instruments GC2011A Datasheet HTML 24Page - Texas Instruments GC2011A Datasheet HTML 25Page - Texas Instruments GC2011A Datasheet HTML 26Page - Texas Instruments GC2011A Datasheet HTML 27Page - Texas Instruments GC2011A Datasheet HTML 28Page - Texas Instruments GC2011A Datasheet HTML 29Page - Texas Instruments GC2011A Datasheet HTML 30Page - Texas Instruments GC2011A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Texas Instruments Incorporated
- 23 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
4.0
PACKAGING
4.1
160 PIN QUAD FLAT PACK (QFP) PACKAGE
AI11
60
AI10
61
AI9
62
AI8
63
AI7
64
AI6
65
AI5
66
AI4
67
AI3
68
AI2
69
AI1
70
AI0
71
SI
77
SN
78
CK
23
116
DAV
117
74
AOF
SO
WE (R/W)
17
CE (CS)
14
A3
33
A2
32
A1
27
A0
24
GC2011A
GRAYCHIP
GC2011A-PQ
VCC PINS: 3,4,7,12,13,16,21,22,26,30,31,35,38,39,44,75,76,80,91,92,93,
GND PINS: 6,10,11,19,20,25,28,29,34,42,43,72,73,79,94,95,96,101,102,
160 PIN QUAD FLAT PACK PACKAGE
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE MIDDLE OF EACH SIDE OF THE CHIP
AO15
140
AO14
139
AO13
138
AO12
135
AO11
134
AO10
133
AO9
132
AO8
131
AO7
130
AO6
129
AO5
124
AO4
123
AO3
122
AO2
121
AO1
119
AO0
118
CKEN
18
D
1
40
41
80
81
120
121
160
99,100,108,109,113,125,126,136,147,156
110,111,114,127,128,137,148,157,158,159
BO15
112
BO14
107
B013
106
BO12
105
BO11
104
BO10
103
BO9
98
BO8
97
BO7
90
BO6
89
BO5
88
BO4
87
BO3
86
BO2
85
BO1
84
BO0
83
(MSB)
(MSB)
(MSB)
AOE
141
BOE
82
A7
46
A6
45
A5
37
A4
36
A8
47
(MSB)
C3
145
C2
144
C1
143
C0
142
C7
151
C6
150
C5
149
C4
146
C10
154
C9
153
C8
152
C14
8
C13
5
C12
2
C11
155
C15
9
(MSB)
BI11
48
BI10
49
BI9
50
BI8
51
BI7
52
BI6
53
BI5
54
BI4
55
BI3
56
BI2
57
BI1
58
BI0
59
(MSB)
115
BOF
A1
A
UNUSED PINS: 1, 40, 41, 81, 120, 160
L
P (0.65mm)
B
DIGITAL FILTER
MMMMMLLL YYWW
Package Markings:
LLL = Lot Number
YYWW = Date Code
MMMMM = Mask Code
DIMENSION
PLASTIC
D
CERAMIC
(width pin to pin)
31.2 mm (1.228")
D1 (width body)
28.0 mm (1.102")
P
(pin pitch)
0.65 mm (0.026")
B
(pin width)
0.30 mm (0.012")
L
(leg length)
0.88 mm (0.035")
A
(height)
4.07 mm (0.160")
A1 (pin thickness)
0.17 mm (0.007")
32.0 mm (1.260")
28.0 mm (1.102")
0.65 mm (0.026")
0.30 mm (0.012")
0.70 mm (0.028")
3.25 mm (0.128")
0.2 mm (0.008")
GC2011A-PQ = Enhanced Thermal Plastic Package
GC2011A-CQ = Ceramic Package (special order only)
RE (GND)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com